Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32562J6474 Datasheet(PDF) 7 Page - EPCOS

Part # B32562J6474
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32562J6474 Datasheet(HTML) 7 Page - EPCOS

Back Button B32562J6474 Datasheet HTML 3Page - EPCOS B32562J6474 Datasheet HTML 4Page - EPCOS B32562J6474 Datasheet HTML 5Page - EPCOS B32562J6474 Datasheet HTML 6Page - EPCOS B32562J6474 Datasheet HTML 7Page - EPCOS B32562J6474 Datasheet HTML 8Page - EPCOS B32562J6474 Datasheet HTML 9Page - EPCOS B32562J6474 Datasheet HTML 10Page - EPCOS B32562J6474 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Ordering codes and packing units (lead spacing 10 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Special dimensions available on request.
For corresponding design rules, refer to chapter "General technical information", page .
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 5
1 mm)
63
40
1.0
3.5
× 6.2 × 11.0 B32561J0105+***
4960
7600
4000
1.5
4.3
× 6.9 × 11.0 B32561J0155+***
4200
6000
2800
2.2
5.1
× 7.9 × 11.0 B32561J0225+***
3400
5000
2000
3.3
6.4
× 9.1 × 11.0 B32561J0335+000
1200
4.7
7.3
× 11.0 × 11.0 B32561J0475+000
800
6.8
8.8
× 12.7 × 11.0 B32561J0685+000
600
100
63
0.68
3.6
× 6.3 × 11.5 B32561J1684+***
5040
8000
4000
1.0
4.5
× 6.9 × 11.5 B32561J1105+***
4200
6000
2000
1.5
5.6
× 7.8 × 11.5 B32561J1155+***
3240
4800
2000
2.2
6.9
× 9.0 × 11.5 B32561J1225+000
1400
3.3
7.8
× 10.5 × 11.5 B32561J1335+000
800
250
160
0.10
2.8
× 5.3 × 11.5 B32561J3104+***
6160
9200
5200
0.15
3.3
× 6.0 × 11.5 B32561J3154+***
5040
8000
4000
0.22
4.2
× 6.6 × 11.5 B32561J3224+***
4160
6000
2800
0.33
5.2
× 7.5 × 11.5 B32561J3334+***
3360
5200
2000
0.47
6.3
× 8.5 × 11.5 B32561J3474+***
2720
4400
1400
0.68
7.5
× 9.7 × 11.5 B32561J3684+000
800
1.0
9.5
× 11.0 × 11.5 B32561J3105+000
600
400
200
0.033
2.5
× 5.1 × 11.5 B32561J6333+***
6480
9200
6000
0.047
2.6
× 6.0 × 11.5 B32561J6473+***
6240
9200
5200
0.068
3.2
× 6.6 × 11.5 B32561J6683+***
5560
8400
4000
0.10
4.0
× 6.9 × 11.5 B32561J6104+***
4360
6800
2800
0.15
5.2
× 7.7 × 11.5 B32561J6154+***
3400
5200
2000
0.22
6.6
× 8.5 × 11.5 B32561J6224+***
2720
4000
1400
0.33
8.0
× 9.5 × 11.5 B32561J6334+000
800
0.47
9.8
× 11.0 × 11.5 B32561J6474+000
600
B32561
General purpose (stacked) SilverCapTM
Page 7 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32562J6474

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
B32562J6474 SIEMENS-B32562J6474 Datasheet
634Kb / 16P
   Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
B32562J6474J SIEMENS-B32562J6474J Datasheet
634Kb / 16P
   Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
B32562J6474K SIEMENS-B32562J6474K Datasheet
634Kb / 16P
   Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
B32562J6474M SIEMENS-B32562J6474M Datasheet
634Kb / 16P
   Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
More results

Similar Description - B32562J6474

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com