Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32594C3685 Datasheet(PDF) 5 Page - EPCOS

Part # B32594C3685
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32594C3685 Datasheet(HTML) 5 Page - EPCOS

  B32594C3685 Datasheet HTML 1Page - EPCOS B32594C3685 Datasheet HTML 2Page - EPCOS B32594C3685 Datasheet HTML 3Page - EPCOS B32594C3685 Datasheet HTML 4Page - EPCOS B32594C3685 Datasheet HTML 5Page - EPCOS B32594C3685 Datasheet HTML 6Page - EPCOS B32594C3685 Datasheet HTML 7Page - EPCOS B32594C3685 Datasheet HTML 8Page - EPCOS B32594C3685 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Ordering codes and packing units (lead spacing 10 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
∇ Wound capacitor technology
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
010 = Untaped (lead length 6
1 mm)
011 = Untaped (lead length min. 20 mm)
008 = Untaped straight (lead length 17
±3 mm)
Packaging codes for further lead configurations (untaped):
Reduced lead configuration (lead length 6
1 mm)
Reduced
Reduced
Lead spacing (mm) / Packaging code
5 / 035
7.5 / 030
100
63
0.10
5.0
× 9.0 × 13.0 B32591C1104+*** 3600
6000
6000
0.15
5.0
× 9.0 × 13.0 B32591C1154+*** 3600
6000
6000
0.22
5.0
× 9.0 × 13.0 B32591C1224+*** 3600
6000
6000
0.33
5.5
× 9.0 × 13.0 B32591C1334+*** 2720
5200
6000
0.47
6.0
× 9.5 × 13.0 B32591C1474+*** 2400
5200
4000
0.68
7.0
× 10.5 × 13.0 B32591C1684+*** 2000
4000
4000
1.0
8.0
× 15.0 × 13.0 B32591C1105+*** 1800
3600
2000
250
160
0.033
5.0
× 9.0 × 13.0 B32591C3333+*** 3600
6000
6000
0.047
5.0
× 9.0 × 13.0 B32591C3473+*** 3600
6000
6000
0.068
5.0
× 9.0 × 13.0 B32591C3683+*** 3600
6000
6000
0.10
5.0
× 9.0 × 13.0 B32591C3104+*** 3600
6000
4000
0.15
5.5
× 10.0 × 13.0 B32591C3154+*** 2720
5200
4000
0.22
6.0
× 10.5 × 13.0 B32591C3224+*** 2720
5200
4000
0.33
6.5
× 11.0 × 13.0 B32591C3334+*** 2320
4400
4000
0.47
8.0
× 13.5 × 13.0 B32591C3474+*** 1800
3600
2000
400
200
0.010
5.0
× 9.0 × 13.0 B32591C6103+*** 3320
6000
6000
0.015
5.0
× 9.0 × 13.0 B32591C6153+*** 3320
6000
6000
0.022
5.0
× 9.0 × 13.0 B32591C6223+*** 3320
6000
6000
0.033
5.0
× 9.0 × 13.0 B32591C6333+*** 3320
6000
6000
0.047
5.0
× 10.5 × 13.0 B32591C6473+*** 3320
6000
4000
0.068
5.5
× 10.5 × 13.0 B32591C6683+*** 3320
5200
4000
0.10
6.0
× 11.5 × 13.0 B32591C6104+*** 3120
5200
4000
630
200
0.010
∇ 6.5 × 10.5 × 13.0 B32591C8103+*** 2400
4400
2000
0.015
∇ 6.5 × 10.5 × 13.0 B32591C8153+*** 2400
4400
2000
0.022
∇ 7.5 × 11.5 × 13.0 B32591C8223+*** 2000
4000
2000
B32591
General purpose (stacked/wound)
Page 5 of 26
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32594C3685

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32591 TDK-B32591 Datasheet
564Kb / 43P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32591C1104J008 EPCOS-B32591C1104J008 Datasheet
588Kb / 43P
   Film Capacitors
B32591C1104J010 EPCOS-B32591C1104J010 Datasheet
588Kb / 43P
   Film Capacitors
B32591C1104J011 EPCOS-B32591C1104J011 Datasheet
588Kb / 43P
   Film Capacitors
B32591C1104J189 EPCOS-B32591C1104J189 Datasheet
588Kb / 43P
   Film Capacitors
More results

Similar Description - B32594C3685

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com