Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32561J6154 Datasheet(PDF) 11 Page - EPCOS

Part # B32561J6154
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32561J6154 Datasheet(HTML) 11 Page - EPCOS

Back Button B32561J6154 Datasheet HTML 7Page - EPCOS B32561J6154 Datasheet HTML 8Page - EPCOS B32561J6154 Datasheet HTML 9Page - EPCOS B32561J6154 Datasheet HTML 10Page - EPCOS B32561J6154 Datasheet HTML 11Page - EPCOS B32561J6154 Datasheet HTML 12Page - EPCOS B32561J6154 Datasheet HTML 13Page - EPCOS B32561J6154 Datasheet HTML 14Page - EPCOS B32561J6154 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Ordering codes and packing units (lead spacing 27.5 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Special dimensions available on request.
For corresponding design rules, refer to chapter "General technical information", page .
The technical data given on the next pages do not apply to 420 V series. Please contact your
nearest EPCOS representative if you need further information.
Composition of ordering code
+ =
Capacitance tolerance code:
M =
±20%
K =
±10%
J =
±5%
Packaging code:
000 = Untaped (lead length 5
1 mm)
100
63
10
7.6
× 11.0 × 29.0 B32564J1106+000
2720
15
9.1
× 13.5 × 29.0 B32564J1156+000
1720
22
11.0
× 16.0 × 29.0 B32564J1226+000
1280
33
13.0
× 19.8 × 29.0 B32564J1336+000
1440
250
160
3.3
7.9
× 14.0 × 29.0 B32564J3335+000
3000
4.7
9.6
× 15.8 × 29.0 B32564J3475+000
1600
6.8
11.9
× 18.0 × 29.0 B32564J3685+000
1200
10
13.8
× 22.5 × 29.0 B32564J3106+000
1120
400
200
1.5
7.8
× 14.2 × 29.0 B32564J6155+000
3000
2.2
9.6
× 16.4 × 29.0 B32564J6225+000
1600
3.3
12.2
× 18.8 × 29.0 B32564J6335+000
1320
4.7
14.2
× 22.8 × 29.0 B32564J6475+000
1040
420
200
4.7
16.0
× 20.0 × 29.0 B32564T6475K000
1160
6.8
16.0
× 20.0 × 29.0 B32564T6685K000
1160
B32564
General purpose (stacked) SilverCapTM
Page 11 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32561J6154

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
B32561J6154 SIEMENS-B32561J6154 Datasheet
634Kb / 16P
   Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
B32561J6154J SIEMENS-B32561J6154J Datasheet
634Kb / 16P
   Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
B32561J6154K SIEMENS-B32561J6154K Datasheet
634Kb / 16P
   Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
B32561J6154M SIEMENS-B32561J6154M Datasheet
634Kb / 16P
   Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
More results

Similar Description - B32561J6154

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com