Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX35CF1152I6N Datasheet(PDF) 3 Page - Altera Corporation

Part # EP1AGX35CF1152I6N
Description  Section I. Arria GX Device Data Sheet
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX35CF1152I6N Datasheet(HTML) 3 Page - Altera Corporation

  EP1AGX35CF1152I6N Datasheet HTML 1Page - Altera Corporation EP1AGX35CF1152I6N Datasheet HTML 2Page - Altera Corporation EP1AGX35CF1152I6N Datasheet HTML 3Page - Altera Corporation EP1AGX35CF1152I6N Datasheet HTML 4Page - Altera Corporation EP1AGX35CF1152I6N Datasheet HTML 5Page - Altera Corporation EP1AGX35CF1152I6N Datasheet HTML 6Page - Altera Corporation EP1AGX35CF1152I6N Datasheet HTML 7Page - Altera Corporation EP1AGX35CF1152I6N Datasheet HTML 8Page - Altera Corporation EP1AGX35CF1152I6N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 234 page
background image
© December 2009
Altera Corporation
Arria GX Device Handbook, Volume 1
1. Arria GX Device Family Overview
Introduction
The Arria® GX family of devices combines 3.125 Gbps serial transceivers with reliable
packaging technology and a proven logic array. Arria GX devices include 4 to 12
high-speed transceiver channels, each incorporating clock data recovery (CDR)
technology and embedded SERDES circuitry designed to support PCI-Express,
Gigabit Ethernet, SDI, SerialLite II, XAUI, and Serial RapidIO protocols, along with
the ability to develop proprietary, serial-based IP using its Basic mode. The
transceivers build upon the success of the Stratix® II GX family. The Arria GX FPGA
technology offers a 1.2-V logic array with the right level of performance and
dependability needed to support these mainstream protocols.
Features
The key features of Arria GX devices include:
Transceiver block features
High-speed serial transceiver channels with CDR support up to 3.125 Gbps.
Devices available with 4, 8, or 12 high-speed full-duplex serial transceiver
channels
Support for the following CDR-based bus standards—PCI Express, Gigabit
Ethernet, SDI, SerialLite II, XAUI, and Serial RapidIO, along with the ability to
develop proprietary, serial-based IP using its Basic mode
Individual transmitter and receiver channel power-down capability for
reduced power consumption during non-operation
1.2- and 1.5-V pseudo current mode logic (PCML) support on transmitter
output buffers
Receiver indicator for loss of signal (available only in PCI Express [PIPE]
mode)
Hot socketing feature for hot plug-in or hot swap and power sequencing
support without the use of external devices
Dedicated circuitry that is compliant with PIPE, XAUI, Gigabit Ethernet, Serial
Digital Interface (SDI), and Serial RapidIO
8B/10B encoder/decoder performs 8-bit to 10-bit encoding and 10-bit to 8-bit
decoding
Phase compensation FIFO buffer performs clock domain translation between
the transceiver block and the logic array
Channel aligner compliant with XAUI
AGX51001-2.0


Similar Part No. - EP1AGX35CF1152I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX35CF1152I6N ALTERA-EP1AGX35CF1152I6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX35CF1152I6N ALTERA-EP1AGX35CF1152I6N Datasheet
3Mb / 234P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
More results

Similar Description - EP1AGX35CF1152I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com