Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72225T4381K101 Datasheet(PDF) 8 Page - EPCOS

Part # B72225T4381K101
Description  SIOV metal oxide varistors Housed (ThermoFuse) varistors, AdvanceD series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72225T4381K101 Datasheet(HTML) 8 Page - EPCOS

Back Button B72225T4381K101 Datasheet HTML 2Page - EPCOS B72225T4381K101 Datasheet HTML 3Page - EPCOS B72225T4381K101 Datasheet HTML 4Page - EPCOS B72225T4381K101 Datasheet HTML 5Page - EPCOS B72225T4381K101 Datasheet HTML 6Page - EPCOS B72225T4381K101 Datasheet HTML 7Page - EPCOS B72225T4381K101 Datasheet HTML 8Page - EPCOS B72225T4381K101 Datasheet HTML 9Page - EPCOS B72225T4381K101 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Cautions and warnings
General
1.
EPCOS metal oxide varistors are designed for specific applications and should not be used
for purposes not identified in our specifications, application notes and data books unless oth-
erwise agreed with EPCOS during the design-in-phase.
2.
Ensure suitability of SIOVs through reliability testing during the design-in phase. SIOVs
should be evaluated taking into consideration worst-case conditions.
3.
For applications of SIOVs in line-to-ground circuits based on various international and local
standards there are restrictions existing or additional safety measures required.
Storage
1.
Store SIOVs only in original packaging. Do not open the package before storage.
2.
Storage conditions in original packaging:
Storage temperature:
25
°C ... +45 °C,
Relative humidity:
<75% annual average,
<95% on maximum 30 days a year.
Dew precipitation:
Is to be avoided.
3.
Avoid contamination of an SIOV's surface during storage, handling and processing.
4.
Avoid storage of SIOVs in harmful environments that can affect the function during long-term
operation (examples given under operation precautions).
5.
The SIOV type series should be soldered within the time specified:
SIOV-S, -Q, -LS
24 months
ETFV and SFS types
12 months.
Handling
1.
SIOVs must not be dropped.
2.
Components must not be touched with bare hands. Gloves are recommended.
3.
Avoid contamination of the surface of SIOV electrodes during handling, be careful of the
sharp edge of SIOV electrodes.
Soldering (where applicable)
1.
Use rosin-type flux or non-activated flux.
2.
Insufficient preheating may cause ceramic cracks.
3.
Rapid cooling by dipping in solvent is not recommended.
4.
Complete removal of flux is recommended.
Housed varistors
ETFV25
ThermoFuse varistors, ETFV25 series
Page 8 of 10
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72225T4381K101

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B72225T4111K101 TDK-B72225T4111K101 Datasheet
123Kb / 1P
   ThermoFuse Varistors
More results

Similar Description - B72225T4381K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
SFS14 EPCOS-SFS14 Datasheet
87Kb / 9P
   SIOV metal oxide varistors Housed (Fail-safe) varistors
B72214S2321K151 EPCOS-B72214S2321K151 Datasheet
725Kb / 34P
   SIOV metal oxide varistors Leaded varistors, AdvanceD series
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com