Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59601A0135B062 Datasheet(PDF) 2 Page - EPCOS

Part # B59601A0135B062
Description  PTC thermistors as limit temperature sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59601A0135B062 Datasheet(HTML) 2 Page - EPCOS

  B59601A0135B062 Datasheet HTML 1Page - EPCOS B59601A0135B062 Datasheet HTML 2Page - EPCOS B59601A0135B062 Datasheet HTML 3Page - EPCOS B59601A0135B062 Datasheet HTML 4Page - EPCOS B59601A0135B062 Datasheet HTML 5Page - EPCOS B59601A0135B062 Datasheet HTML 6Page - EPCOS B59601A0135B062 Datasheet HTML 7Page - EPCOS B59601A0135B062 Datasheet HTML 8Page - EPCOS B59601A0135B062 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Applications
DC/DC converters
Home appliances
Dimmers
Electronic ballasts
Temperature management in automotive electronics
Over-temperature protection of power transistors and power ICs
(e.g. in battery pack, notebook)
SMPS
Features
Thermistor chip with lead-free tinned terminations
Small size
Fast and reliable response
Suitable for reflow soldering only
RoHS-compatible
Lead-free (total Pb content <0.1%), for Tsense ≤125 °C, except B59602A... and B59603A...
UL approval to UL 1434 for B59601A... and B59604A... (file number E69802)
Options
Other Tsense values on request
Delivery mode
Blister tape (case size 0805) or cardboard tape (case sizes 0402 and 0603), 180-mm reel
with 8-mm tape, taping to IEC 60286-3
General technical data
Max. operating voltage
(TA= 40 °C ... Tsense +15 K) Vmax
32
V DC
Operating temperature range
(V ≤ Vmax)
Top
40/ Tsense +15
°C
Sensors
Limit temperature sensors, EIA sizes 0402, 0603 and 0805
Page 2 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59601A0135B062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59601A0135B062 EPCOS-B59601A0135B062 Datasheet
526Kb / 18P
   PTC thermistors as limit temperature sensors
B59601A0135B062 EPCOS-B59601A0135B062 Datasheet
700Kb / 26P
   PTC thermistors as limit temperature sensors SMD, EIA case sizes 0603
More results

Similar Description - B59601A0135B062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
   PTC thermistors as limit temperature sensors
B59401A0105A062 EPCOS-B59401A0105A062 Datasheet
526Kb / 18P
   PTC thermistors as limit temperature sensors
B59300 EPCOS-B59300 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
B59721A110A62 EPCOS-B59721A110A62 Datasheet
855Kb / 37P
   PTC thermistors as limit temperature sensors
B59100M1110A70 EPCOS-B59100M1110A70 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
B59421A0075A062_1007 EPCOS-B59421A0075A062_1007 Datasheet
737Kb / 32P
   PTC thermistors as limit temperature sensors
B59008 EPCOS-B59008 Datasheet
253Kb / 9P
   PTC thermistors as limit temperature sensors
B59100 EPCOS-B59100_09 Datasheet
293Kb / 9P
   PTC thermistors as limit temperature sensors
B59100M1120A70 EPCOS-B59100M1120A70 Datasheet
274Kb / 11P
   PTC thermistors as limit temperature sensors
B59901D60A40 EPCOS-B59901D60A40 Datasheet
90Kb / 9P
   PTC thermistors as limit temperature sensors
B59421A0075A062 EPCOS-B59421A0075A062 Datasheet
226Kb / 10P
   PTC thermistors as limit temperature sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com