Electronic Components Datasheet Search |
|
B32559C8682 Datasheet(PDF) 6 Page - EPCOS |
|
B32559C8682 Datasheet(HTML) 6 Page - EPCOS |
6 / 23 page Technical data Operating temperature range Max. operating temperature Top,max +125 °C Upper category temperature Tmax +125 °C Lower category temperature Tmin 55 °C Rated temperature TR +85 °C Dissipation factor tan δ (in 10-3) at CR ≤ 0.1 µF 0.1 µF < C R ≤ 1 µF at 20 °C 1 kHz 8 10 (upper limit values) 10 kHz 15 20 100 kHz 30 Insulation resistance Rins VR CR ≤ 0.33 µF CR > 0.33 µF or time constant τ = C R Rins ≤ 100 V DC 3750 MΩ 1250 s at 20 °C, rel. humidity ≤ 65% (minimum as-delivered values) ≥ 250 V DC 7500 MΩ 2500 s DC test voltage 1.4 VR, 2 s Category voltage VC TA ( °C) DC voltage derating AC voltage derating (continuous operation with VDC TA ≤ 85 VC = VR VC,RMS = VRMS or VAC at f ≤ 60 Hz) 85<TA ≤125 V C = VR (165 TA)/80 VC,RMS=VRMS (165 TA)/80 Operating voltage Vop for TA ( °C) DC voltage (max. hours) AC voltage (max. hours) short operating periods TA ≤ 100 Vop = 1.25 VC (2000 h) Vop = 1.0 VC,RMS (2000 h) (VDC or VAC at f ≤ 60 Hz) 100<TA ≤125 V op = 1.25 VC (1000 h) Vop = 1.0 VC,RMS (1000 h) Damp heat test 56 days/40 °C/93% relative humidity Limit values after damp Capacitance change ∆C/C ≤ 5% heat test Dissipation factor change ∆tan δ ≤ 5 10-3 (at 1 kHz) Insulation resistance Rins ≥ 50% of minimum or time constant τ = C R Rins as-delivered values Reliability: Failure rate λ 1 fit ( ≤ 1 10-9/h) at 0.5 V R, 40 °C Service life tSL 200 000 h at 1.0 VR, 85 °C For conversion to other operating conditions and temperatures, refer to chapter "Quality, 2 Reliability". Failure criteria: Total failure Short circuit or open circuit Failure due to variation Capacitance change ∆C/C > 10% of parameters Dissipation factor tan δ > 2 upper limit value Insulation resistance Rins < 150 M Ω (C R ≤ 0.33 µF) or time constant τ = C R Rins < 50 s (CR > 0.33 µF) Soldering conditions Maximum solder bath temperature Maximum soldering time 260 °C 4 s B32559C Compact design (stacked) Page 6 of 23 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B32559C8682 |
|
Similar Description - B32559C8682 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |