Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32592C6683 Datasheet(PDF) 6 Page - EPCOS

Part # B32592C6683
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32592C6683 Datasheet(HTML) 6 Page - EPCOS

Back Button B32592C6683 Datasheet HTML 2Page - EPCOS B32592C6683 Datasheet HTML 3Page - EPCOS B32592C6683 Datasheet HTML 4Page - EPCOS B32592C6683 Datasheet HTML 5Page - EPCOS B32592C6683 Datasheet HTML 6Page - EPCOS B32592C6683 Datasheet HTML 7Page - EPCOS B32592C6683 Datasheet HTML 8Page - EPCOS B32592C6683 Datasheet HTML 9Page - EPCOS B32592C6683 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
∇ Wound capacitor technology
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
010 = Untaped (lead length 6
1 mm)
011 = Untaped (lead length min. 20 mm)
008 = Untaped straight (lead length 17
±3 mm)
Packaging codes for further lead configurations (untaped):
Lead configuration (lead length 6
1 mm)
Reduced
Reduced
Reduced
Enlarged
Lead spacing (mm)
7.5
10
12.5
17.5
Packaging code
030
040
050
060
100
63
0.47
5.0
× 9.5 × 18.0 B32592C1474+*** 4680
6000
4000
0.68
5.5
× 10.5 × 18.0 B32592C1684+*** 4000
5200
4000
1.0
6.5
× 10.5 × 18.0 B32592C1105+*** 3320
4400
2000
1.5
7.5
× 14.0 × 18.0 B32592C1155+*** 3120
3720
2000
2.2
9.0
× 14.0 × 18.0 B32592C1225+*** 2560
3320
1000
3.3
11.0
× 17.5 × 18.0 B32592C1335+*** 2000
2560
1000
4.7
11.0
× 17.5 × 18.0 B32592C1475+*** 2000
2560
1000
250
160
0.22
5.5
× 9.0 × 18.0 B32592C3224+*** 4000
5200
4000
0.33
6.0
× 10.0 × 18.0 B32592C3334+*** 3720
5200
2000
0.47
7.0
× 11.0 × 18.0 B32592C3474+*** 3120
4000
2000
0.68
8.0
× 11.5 × 18.0 B32592C3684+*** 2720
3600
2000
1.0
9.5
× 13.0 × 18.0 B32592C3105+*** 2320
3120
2000
400
200
0.068
5.0
× 9.0 × 18.0 B32592C6683+*** 4680
6000
4000
0.10
5.0
× 10.0 × 18.0 B32592C6104+*** 4680
6000
4000
0.15
6.0
× 10.5 × 18.0 B32592C6154+*** 3720
5200
4000
0.22
7.0
× 11.0 × 18.0 B32592C6224+*** 3120
4000
2000
0.33
8.0
× 12.0 × 18.0 B32592C6334+*** 2720
3600
2000
0.47
9.5
× 13.0 × 18.0 B32592C6474+*** 2320
3120
1000
0.68
10.0
× 16.0 × 18.0 B32592C6684+*** 2020
2800
1000
630
200
0.033
6.5
× 10.5 × 18.0 B32592C8333+*** 3320
4400
4000
0.047
7.0
× 12.0 × 18.0 B32592C8473+*** 3120
4000
2000
0.068
7.5
× 14.0 × 18.0 B32592C8683+*** 3120
3720
2000
0.10
8.5
× 15.0 × 18.0 B32592C8104+*** 2560
3320
2000
B32592
General purpose (stacked/wound)
Page 6 of 26
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32592C6683

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32592C6683J008 EPCOS-B32592C6683J008 Datasheet
588Kb / 43P
   Film Capacitors
B32592C6683J010 EPCOS-B32592C6683J010 Datasheet
588Kb / 43P
   Film Capacitors
B32592C6683J011 EPCOS-B32592C6683J011 Datasheet
588Kb / 43P
   Film Capacitors
B32592C6683J189 EPCOS-B32592C6683J189 Datasheet
588Kb / 43P
   Film Capacitors
B32592C6683J289 EPCOS-B32592C6683J289 Datasheet
588Kb / 43P
   Film Capacitors
More results

Similar Description - B32592C6683

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com