Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX90CF484I6N Datasheet(PDF) 6 Page - Altera Corporation

Part # EP1AGX90CF484I6N
Description  Section I. Arria GX Device Data Sheet
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX90CF484I6N Datasheet(HTML) 6 Page - Altera Corporation

Back Button EP1AGX90CF484I6N Datasheet HTML 2Page - Altera Corporation EP1AGX90CF484I6N Datasheet HTML 3Page - Altera Corporation EP1AGX90CF484I6N Datasheet HTML 4Page - Altera Corporation EP1AGX90CF484I6N Datasheet HTML 5Page - Altera Corporation EP1AGX90CF484I6N Datasheet HTML 6Page - Altera Corporation EP1AGX90CF484I6N Datasheet HTML 7Page - Altera Corporation EP1AGX90CF484I6N Datasheet HTML 8Page - Altera Corporation EP1AGX90CF484I6N Datasheet HTML 9Page - Altera Corporation EP1AGX90CF484I6N Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 234 page
background image
1–4
Chapter 1: Arria GX Device Family Overview
Document Revision History
Arria GX Device Handbook, Volume 1
© December 2009
Altera Corporation
Table 1–3 lists the Arria GX device package sizes.
Document Revision History
Table 1–4 lists the revision history for this chapter.
EP1AGX60D
8
31
29
350
EP1AGX60E
12
42
42
514
EP1AGX90E
12
47
45
538
Table 1–2. Arria GX Package Options (Pin Counts and Transceiver Channels) (Part 2 of 2)
Device
Transceiver
Channels
Source-Synchronous Channels
Maximum User I/O Pin Count
Receive
Transmit
484-Pin FBGA
(23 mm)
780-Pin FBGA
(29 mm)
1152-Pin
FBGA
(35 mm)
Table 1–3. Arria GX FBGA Package Sizes
Dimension
484 Pins
780 Pins
1152 Pins
Pitch (mm)
1.00
1.00
1.00
Area (mm2)
529
841
1225
Length × width
(mm × mm)
23 × 23
29 × 29
35 × 35
Table 1–4. Document Revision History
Date and Document Version
Changes Made
Summary of Changes
December 2009, v2.0
Document template update.
Minor text edits.
May 2008, v1.2
Included support for SDI,
SerialLite II, and XAUI.
June 2007, v1.1
Included GIGE information.
May 2007, v1.0
Initial Release


Similar Part No. - EP1AGX90CF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX90CF484I6N ALTERA-EP1AGX90CF484I6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX90CF484I6N ALTERA-EP1AGX90CF484I6N Datasheet
3Mb / 234P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
More results

Similar Description - EP1AGX90CF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com