Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32592C1475 Datasheet(PDF) 10 Page - EPCOS

Part # B32592C1475
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32592C1475 Datasheet(HTML) 10 Page - EPCOS

Back Button B32592C1475 Datasheet HTML 6Page - EPCOS B32592C1475 Datasheet HTML 7Page - EPCOS B32592C1475 Datasheet HTML 8Page - EPCOS B32592C1475 Datasheet HTML 9Page - EPCOS B32592C1475 Datasheet HTML 10Page - EPCOS B32592C1475 Datasheet HTML 11Page - EPCOS B32592C1475 Datasheet HTML 12Page - EPCOS B32592C1475 Datasheet HTML 13Page - EPCOS B32592C1475 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
µs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt values
Lead spacing
10 mm
15 mm
22.5 mm
27.5 mm
Technology
Stacked
Wound
Stacked
Wound
Wound
Wound
VR
VRMS
V DC
V AC
dV/dt in V/
µs
100
63
75
50
2.5
2
250
160
150
100
4
3
400
200
175
125
7
5
630
200
20
15
10
630
220
8
k0 values
Lead spacing
10 mm
15 mm
22.5 mm
27.5 mm
Technology
Stacked
Wound
Stacked
Wound
Wound
Wound
VR
VRMS
V DC
V AC
k0 in V2/
µs
100
63
15 000
10 000
500
400
250
160
75 000
50 000
2 000
1 500
400
200
140 000
100 000
5 600
4 000
630
200
25 000
19 000
12 600
630
220
10 000
B32591 ... B32594
General purpose (stacked/wound)
Page 10 of 26
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32592C1475

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32592C1475J008 EPCOS-B32592C1475J008 Datasheet
588Kb / 43P
   Film Capacitors
B32592C1475J010 EPCOS-B32592C1475J010 Datasheet
588Kb / 43P
   Film Capacitors
B32592C1475J011 EPCOS-B32592C1475J011 Datasheet
588Kb / 43P
   Film Capacitors
B32592C1475J189 EPCOS-B32592C1475J189 Datasheet
588Kb / 43P
   Film Capacitors
B32592C1475J289 EPCOS-B32592C1475J289 Datasheet
588Kb / 43P
   Film Capacitors
More results

Similar Description - B32592C1475

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com