Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLDW34V03PMR004123 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # GLDW34V03PMR004123
Description  DORADO HV DC/DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

GLDW34V03PMR004123 Datasheet(HTML) 6 Page - Bel Fuse Inc.

  GLDW34V03PMR004123 Datasheet HTML 1Page - Bel Fuse Inc. GLDW34V03PMR004123 Datasheet HTML 2Page - Bel Fuse Inc. GLDW34V03PMR004123 Datasheet HTML 3Page - Bel Fuse Inc. GLDW34V03PMR004123 Datasheet HTML 4Page - Bel Fuse Inc. GLDW34V03PMR004123 Datasheet HTML 5Page - Bel Fuse Inc. GLDW34V03PMR004123 Datasheet HTML 6Page - Bel Fuse Inc. GLDW34V03PMR004123 Datasheet HTML 7Page - Bel Fuse Inc. GLDW34V03PMR004123 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2006 Bel Fuse Inc. Specifications subject to change without notice. 11.06
POWER PRODUCTS
GLDW34V03
Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com
DORADO HV DC/DC CONVERTER
48V Input – 34VDC – 3A Output
page 6
Efficiency Data
Power Dissipation
Start Up
Voltage Ripple
1. VOUT 10V/div 40mS/div
2. Enable 5V/div
1. VOUT 50mV/div 1µS/div
Bode Plot
Line/Load Regulation
30.000
30.500
31.000
31.500
32.000
32.500
33.000
33.500
34.000
34.500
35.000
35.500
36.000
0
1.5
3
Output Current (A)
36V Vin
48V Vin
75V Vin


Similar Part No. - GLDW34V03PMR004123

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GLDW34V03PMR-001-123 GALAXY-GLDW34V03PMR-001-123 Datasheet
346Kb / 6P
   High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
GLDW34V03PMR-002-123 GALAXY-GLDW34V03PMR-002-123 Datasheet
346Kb / 6P
   High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
GLDW34V03PMR-003-123 GALAXY-GLDW34V03PMR-003-123 Datasheet
346Kb / 6P
   High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
More results

Similar Description - GLDW34V03PMR004123

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GMDC12V08 BEL-GMDC12V08 Datasheet
561Kb / 7P
   DORADO MV DC/DC CONVERTERS
GMDW12V08 BEL-GMDW12V08 Datasheet
539Kb / 7P
   DORADO MV DC/DC CONVERTERS
logo
Wurth Elektronik GmbH &...
749196507 WURTH-749196507 Datasheet
479Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196138 WURTH-749196138 Datasheet
441Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196248 WURTH-749196248 Datasheet
473Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196547 WURTH-749196547 Datasheet
479Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196548 WURTH-749196548 Datasheet
479Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196128 WURTH-749196128 Datasheet
441Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196208 WURTH-749196208 Datasheet
473Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
749196538 WURTH-749196538 Datasheet
480Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com