Electronic Components Datasheet Search |
|
VRAH-07C120 Datasheet(PDF) 4 Page - Bel Fuse Inc. |
|
VRAH-07C120 Datasheet(HTML) 4 Page - Bel Fuse Inc. |
4 / 14 page Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com ©2006 Bel Fuse Inc. Specifications subject to change without notice. 02.06 POWER PRODUCTS NON-ISOLATED DC/DC CONVERTERS BP06xRAH-07C 3.3V Input / 0.9V – 2.5V Output / 7A Output Specifications r e t e m a r a P e l u d o M l o b m y S n i M l a c i p y T x a M s t i n U e s n o p s e R t n e i s n a r T 3 ∆ d a o L x a M f o % 0 0 1 o t % 0 5 V V 5 . 2 0 2 10 8 1V m e m i T g n il t t e Ss T 0 40 8s µ ∆ d a o L x a M f o % 0 5 o t % 0 0 1 V 0 2 10 8 1V m e m i T g n il t t e Ss T 0 40 8s µ e s n o p s e R t n e i s n a r T 3 ∆ d a o L x a M f o % 0 0 1 o t % 0 5 V V 8 . 1 0 2 10 8 1V m e m i T g n il t t e Ss T 0 40 8s µ ∆ d a o L x a M f o % 0 5 o t % 0 0 1 V 0 2 10 8 1V m e m i T g n il t t e Ss T 0 40 8s µ e s n o p s e R t n e i s n a r T 3 ∆ d a o L x a M f o % 0 0 1 o t % 0 5 V V 5 . 1 0 0 10 5 1V m e m i T g n il t t e Ss T 0 40 8s µ ∆ d a o L x a M f o % 0 5 o t % 0 0 1 V 0 0 10 5 1V m e m i T g n il t t e Ss T 0 40 8s µ e s n o p s e R t n e i s n a r T 3 ∆ d a o L x a M f o % 0 0 1 o t % 0 5 V V 2 . 1 0 50 0 1V m e m i T g n il t t e Ss T 0 40 8s µ ∆ d a o L x a M f o % 0 5 o t % 0 0 1 V 0 50 0 1V m e m i T g n il t t e Ss T 0 40 8s µ e s n o p s e R t n e i s n a r T 3 ∆ d a o L x a M f o % 0 0 1 o t % 0 5 V V 9 . 0 0 50 0 1V m e m i T g n il t t e Ss T 0 40 8s µ ∆ d a o L x a M f o % 0 5 o t % 0 0 1 V 0 50 0 1V m e m i T g n il t t e Ss T 0 40 8s µ Note: All specifications are typical at nominal input, full load at 25° C unless otherwise stated. 3. di/dt = 0.5A/1µS, Ta = 25° C without external load capacitance. page 4 |
Similar Part No. - VRAH-07C120 |
|
Similar Description - VRAH-07C120 |