Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32559C1124 Datasheet(PDF) 2 Page - EPCOS

Part # B32559C1124
Description  Film Capacitors Metallized Polyester Film Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32559C1124 Datasheet(HTML) 2 Page - EPCOS

  B32559C1124 Datasheet HTML 1Page - EPCOS B32559C1124 Datasheet HTML 2Page - EPCOS B32559C1124 Datasheet HTML 3Page - EPCOS B32559C1124 Datasheet HTML 4Page - EPCOS B32559C1124 Datasheet HTML 5Page - EPCOS B32559C1124 Datasheet HTML 6Page - EPCOS B32559C1124 Datasheet HTML 7Page - EPCOS B32559C1124 Datasheet HTML 8Page - EPCOS B32559C1124 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Typical applications
Energy saving lamps
Climatic
Max. operating temperature: 125
°C
Climatic category (IEC 60068-1): 55/125/56
Construction
Dielectric: polyethylene terephthalate
(polyester, PET)
Stacked-film technology
Heat shrinkable tube
standard types B32559C*:
polyester 100 µm, 125
°C
Features
Very small dimensions
Self-healing properties
High pulse strength
Terminals
Lead spacing 5.0 mm
Crimped wire leads, lead-free tinned,
lead length (6
1) mm
Straight wire leads, lead-free tinned,
lead length (6
1) mm
Special lead length available on request
Marking
Manufacturer's logo, rated capacitance (coded),
capacitance tolerance (code letter),
rated AC voltage, date of manufacture (coded)
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For notes on taping, refer to chapter
"Taping and packing".
Detail specifications
Homologated to IEC 60384-2
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter d1
5.0
0.5
Metallized polyester film capacitors (MKT)
B32559C
Compact design (stacked)
Page 2 of 23
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32559C1124

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32559C1124

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com