Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF544 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-BF544
Description  Embedded Processor
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF544 Datasheet(HTML) 3 Page - Analog Devices

  ADSP-BF544 Datasheet HTML 1Page - Analog Devices ADSP-BF544 Datasheet HTML 2Page - Analog Devices ADSP-BF544 Datasheet HTML 3Page - Analog Devices ADSP-BF544 Datasheet HTML 4Page - Analog Devices ADSP-BF544 Datasheet HTML 5Page - Analog Devices ADSP-BF544 Datasheet HTML 6Page - Analog Devices ADSP-BF544 Datasheet HTML 7Page - Analog Devices ADSP-BF544 Datasheet HTML 8Page - Analog Devices ADSP-BF544 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
ADSP-BF542/ADSP-BF544/ADSP-BF547/ADSP-BF548/ADSP-BF549
Rev. C
|
Page 3 of 100
|
February 2010
GENERAL DESCRIPTION
The ADSP-BF54x Blackfin
® processors are members of the
Blackfin family of products, incorporating the Analog Devices/
Intel Micro Signal Architecture (MSA). Blackfin processors
combine a dual-MAC state-of-the-art signal processing engine,
the advantages of a clean, orthogonal RISC-like microprocessor
instruction set, and single-instruction, multiple-data (SIMD)
multimedia capabilities into a single instruction-set
architecture.
Specific performance, memory configurations, and features of
ADSP-BF54x Blackfin processors are shown in Table 1.
Specific peripherals for ADSP-BF54x Blackfin processors are
shown in Table 2.
Table 1. ADSP-BF54x Processor Features
Processor
Features
Lockbox® 1code security
1 Lockbox is a registered trademark of Analog Devices, Inc.
11
111
128-bit AES/ ARC4 data encryption
11
111
SD/SDIO controller
1
1
1
1
Pixel compositor
1
1
1
1
1
18- or 24-bit EPPI0 with LCD
1
1
1
1
16-bit EPPI1, 8-bit EPPI2
1
1
1
1
1
Host DMA port
1
1
1
1
NAND flash controller
1
1
1
1
1
ATAPI
1
11–1
High Speed USB OTG
1
1
1
1
Keypad interface
1
1
1
1
MXVR
1
CAN ports
2
2
2
1
TWI ports
22
221
SPI ports
33
322
UART ports
44
433
SPORTs
44
433
Up/Down counter
11
111
Timers
11
11
11
11
8
General-Purpose I/O pins
152 152 152 152 152
Memory
Configura-
tions
(K Bytes)
L1 Instruction SRAM/Cache
16
16
16
16
16
L1 Instruction SRAM
48
48
48
48
48
L1 Data SRAM/Cache
32
32
32
32
32
L1 Data SRAM
32
32
32
32
32
L1 Scratchpad SRAM
44
444
L1 ROM
2
2 This ROM is not customer-configurable.
64
64
64
64
64
L2
128 128 128
64
L3 Boot ROM2
44
444
Maximum Core Instruction Rate (MHz)
533 533 600 533 600
Table 2. Specific Peripherals for ADSP-BF54x Processors
Module
EBIU (async)
PPPPP
NAND flash controller
PPPPP
ATAPI
PPP
P
Host DMA port (HOSTDP)
PPPP
SD/SDIO controller
P
P
P
P
EPPI0
PPPP
EPPI1
PPPPP
EPPI2
PPPPP
SPORT0
PPP
SPORT1
PPPPP
SPORT2
PPPPP
SPORT3
PPPPP
SPI0
PPPPP
SPI1
PPPPP
SPI2
PPP
UART0
PPPPP
UART1
PPPPP
UART2
PPP
UART3
PPPPP
High Speed USB OTG
P
P
P
P
CAN0
P
P
P
P
CAN1
P
P
P
TWI0
PPPPP
TWI1
PPPP
Timer 0–7
PPPPP
Timer 8–10
PPPP
Up/Down counter
PPPPP
Keypad interface
P
P
P
P
MXVR
P
––––
GPIOs
PPPPP


Similar Part No. - ADSP-BF544

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF544 AD-ADSP-BF544 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
ADSP-BF544 AD-ADSP-BF544 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
More results

Similar Description - ADSP-BF544

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com