Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F9666302VXC Datasheet(PDF) 3 Page - Intersil Corporation

Part # 5962F9666302VXC
Description  Radiation Hardened 3.3V Quad Differential Line Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9666302VXC Datasheet(HTML) 3 Page - Intersil Corporation

  5962F9666302VXC Datasheet HTML 1Page - Intersil Corporation 5962F9666302VXC Datasheet HTML 2Page - Intersil Corporation 5962F9666302VXC Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
FN4898.2
May 28, 2009
Die Characteristics
DIE DIMENSIONS:
96.5 mil x 195 mils x 21 mils
(2450 x 4950)
INTERFACE MATERIALS:
Glassivation:
Type: PSG (Phosphorus Silicon Glass)
Thickness: 8k
Å ±1kÅ
Metallization:
Bottom: Mo/TiW
Thickness: 5800
Å ±1kÅ
Top: AlSiCu (Top)
Thickness: 10k
Å ±1kÅ
Substrate:
AVLSI1RA
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION:
Substrate Potential (Powered Up):
VDD
ADDITIONAL INFORMATION:
Worst Case Current Density:
<2.0 x 105A/cm2
Bond Pad Size:
110µm x 100µm
Metallization Mask Layout
HS-26CLV31RH
(14) DO
(13) DO
(12) ENABLE
(11) CO
(10) CO
AO (2)
AO (3)
ENABLE (4)
BO (5)
BO (6)
TABLE 1. HS26CLV31RH PAD COORDINATES
RELATIVE TO PIN 1
PIN
NUMBER
PAD
NAME
X
COORDINATES
Y
COORDINATES
1AIN
0
0
2
A0
0
-570.7
3A0
0
-1483.5
4
ENABLE
0
-2124.8
5B0
0
-2873.5
6
B0
0
-3786.3
7
BIN
0
-4357
8
GND
852.4
-4357
8
GND
1062.4
-4357
9
CIN
1912.8
-4357
10
C0
1912.8
-3786.3
11
C0
1912.8
-2873.5
12
ENABLE
1912.8
-2124.8
13
D0
1912.8
-1483.5
14
D0
1912.8
-570.7
15
DIN
1912.8
0
16
VIN
1062.4
0
16
VIN
852.4
0
NOTE: Dimensions in microns
HS-26CLV31RH


Similar Part No. - 5962F9666302VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9666302V9A INTERSIL-5962F9666302V9A Datasheet
217Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Receiver
More results

Similar Description - 5962F9666302VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
   Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH Datasheet
237Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C31RH INTERSIL-HS-26C31RH_13 Datasheet
140Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C31RH-T INTERSIL-HS-26C31RH-T Datasheet
69Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C32RH-T INTERSIL-HS-26C32RH-T Datasheet
78Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CLV32RH INTERSIL-HS-26CLV32RH Datasheet
90Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Receiver
HS-26CLV32RH INTERSIL-HS-26CLV32RH_13 Datasheet
217Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Receiver
HS-26CLV31RH INTERSIL-HS-26CLV31RH_12 Datasheet
299Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com