Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6506CBZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6506CBZ
Description  Multiple Linear Power Controller with ACPI Control Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6506CBZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6506CBZ Datasheet HTML 1Page - Intersil Corporation ISL6506CBZ Datasheet HTML 2Page - Intersil Corporation ISL6506CBZ Datasheet HTML 3Page - Intersil Corporation ISL6506CBZ Datasheet HTML 4Page - Intersil Corporation ISL6506CBZ Datasheet HTML 5Page - Intersil Corporation ISL6506CBZ Datasheet HTML 6Page - Intersil Corporation ISL6506CBZ Datasheet HTML 7Page - Intersil Corporation ISL6506CBZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage, V5VSB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
DLA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +14.5V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+ 7.0V
ESD Classification (Human Body Model) . . . . . . . . . . . . . . . . . TBD
Recommended Operating Conditions
Supply Voltage, V5VSB . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
Lowest 5VSB Supply Voltage Guaranteeing Parameters . . . . +4.5V
Digital Inputs, VSx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0 to +5.5V
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Junction Temperature Range. . . . . . . . . . . . . . . . . . . . 0°C to 125°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
EPSOIC Package (Notes 1, 2) . . . . . .
40
3.5
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
For Recommended soldering conditions see Tech Brief TB389.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply Current
I5VSB
VS3# = 5V, VS5# = 5V (S0 State)
-
3.60
-
mA
VS3# = 0V, VS5# = 5V (S3 State)
-
4.60
-
mA
VS5# = 0V (S5 State)
-
4.60
-
mA
POWER-ON RESET
Rising 5VSB POR Threshold
--
4.5V
Falling 5VSB POR Threshold
3.60
-
3.95
V
Rising 12V POR Threshold
1.00k
Ω resistor between DLA and 12V Rail
8.9
9.8
10.8
V
3.3VAUX LINEAR REGULATOR
Regulation
V5VSBY = 5.0V, I3V3SB = 0A
-
-
2.0
%
3V3SB Nominal Voltage Level
V3V3SB
-3.3
-
V
3V3SB Undervoltage Threshold
V3V3SB_UV
-
2.475
-
V
3V3SB Over Current Trip
I3V3SB_TRIP ISL6506, ISL6506A, By Design
-
-
1
A
ISL6506B, By Design
-
-
2
A
5VDUAL SWITCH CONTROLLER
5VDLSB Output Drive Current
I5VDLSB
V5VDLSB = 4V, V5VSB = 5V
20
-
35
mA
TIMING INTERVAL
S0 to S3 Transition Delay
-58
-
µs
SOFT START
Soft Start Interval
tSS
6.55
8.2
9.85
ms
5VDLSB Soft Start Current Source
--7.5
-
µA
CONTROL I/O (S3#, S5#)
High Level Input Threshold
--
2.2V
Low Level Input Threshold
0.8
-
-
V
S3#, S5# Internal Pull Down Current to GND
-
10
-
µA
TEMPERATURE MONITOR
Shutdown-Level Threshold
By Design
-
140
-
°C
ISL6506, ISL6506A, ISL6506B


Similar Part No. - ISL6506CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6506CBZ INTERSIL-ISL6506CBZ Datasheet
229Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506CBZ RENESAS-ISL6506CBZ Datasheet
535Kb / 9P
   Multiple Linear Power Controller with ACPI Control Interface
More results

Similar Description - ISL6506CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
   Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com