Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7900ILCZ-EVALZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL7900ILCZ-EVALZ
Description  Ambient Light Photo Detect IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7900ILCZ-EVALZ Datasheet(HTML) 8 Page - Intersil Corporation

  EL7900ILCZ-EVALZ Datasheet HTML 1Page - Intersil Corporation EL7900ILCZ-EVALZ Datasheet HTML 2Page - Intersil Corporation EL7900ILCZ-EVALZ Datasheet HTML 3Page - Intersil Corporation EL7900ILCZ-EVALZ Datasheet HTML 4Page - Intersil Corporation EL7900ILCZ-EVALZ Datasheet HTML 5Page - Intersil Corporation EL7900ILCZ-EVALZ Datasheet HTML 6Page - Intersil Corporation EL7900ILCZ-EVALZ Datasheet HTML 7Page - Intersil Corporation EL7900ILCZ-EVALZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
FN7377.8
September 18, 2009
EL7900
Package Outline Drawing
L5.2x2.1
5 LEAD OPTICAL DUAL FLAT NO-LEAD PLASTIC PACKAGE
Rev 1, 05/08
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
1
2
3
5
4
(4X)
0.10
INDEX AREA
PIN 1
A
2.10
B
PIN #1 INDEX AREA
5X 0 . 35 ± 0 . 05
B
0.10 MA
C
C
SEATING PLANE
BASE PLANE
0.08
0.10
SEE DETAIL "X"
C
C
0 . 00 MIN.
0 . 05 MAX.
0 . 2 REF
C
5
1
( 5X 0 . 30 )
( 5X 0 . 55 )
6
6
(0.65)
(1.95)
(0.65)
(1.35)
0.65
1.35
1.30 REF
0.65
0.30±0.05
0 . 7 ± 0 . 05


Similar Part No. - EL7900ILCZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7900ILCZ-EVALZ RENESAS-EL7900ILCZ-EVALZ Datasheet
448Kb / 8P
   Ambient Light Photo Detect IC
More results

Similar Description - EL7900ILCZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900_07 Datasheet
164Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
EL7900 RENESAS-EL7900 Datasheet
448Kb / 8P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com