Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL88001IH31Z-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL88001IH31Z-T
Description  Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88001IH31Z-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL88001IH31Z-T Datasheet HTML 3Page - Intersil Corporation ISL88001IH31Z-T Datasheet HTML 4Page - Intersil Corporation ISL88001IH31Z-T Datasheet HTML 5Page - Intersil Corporation ISL88001IH31Z-T Datasheet HTML 6Page - Intersil Corporation ISL88001IH31Z-T Datasheet HTML 7Page - Intersil Corporation ISL88001IH31Z-T Datasheet HTML 8Page - Intersil Corporation ISL88001IH31Z-T Datasheet HTML 9Page - Intersil Corporation ISL88001IH31Z-T Datasheet HTML 10Page - Intersil Corporation ISL88001IH31Z-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6174.0
March 26, 2008
ISL88001, ISL88002, ISL88003
Small Outline Transistor Plastic Packages (SOT23-3)
D
e1
E
CL
e
b
CL
A2
A
A1
CL
0.20 (0.008) M
0.10 (0.004) C
C
-C-
SEATING
PLANE
12
3
4
5
6
E1
CL
C
VIEW C
VIEW C
L
R1
R
4X
θ1
4X
θ1
GAUGE PLANE
L1
SEATING
α
L2
C
PLANE
c
BASE METAL
WITH
c1
b1
PLATING
b
P3.064
3 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.035
0.044
0.89
1.12
-
A1
0.001
0.004
0.013
0.10
-
A2
0.035
0.037
0.88
0.94
-
b
0.015
0.020
0.37
0.50
-
b1
0.012
0.018
0.30
0.45
-
c
0.003
0.007
0.085
0.18
6
c1
0.003
0.005
0.08
0.13
6
D
0.110
0.120
2.80
3.04
3
E
0.083
0.104
2.10
2.64
-
E1
0.047
0.055
1.20
1.40
3
e
0.0374 Ref
0.95 Ref
-
e1
0.0748 Ref
1.90 Ref
-
L
-
0.016
0.21
0.41
4
L1
0.024 Ref
0.60 Ref
-
L2
0.010 Ref
0.25 Ref
-
N3
3
5
R
0.004
-
0.10
-
-
R1
0.004
0.010
0.10
0.25
-
a
-
Rev. 1 11/06
NOTES:
1. Dimensioning and tolerance per ASME Y14.5M-1994.
2. Package conforms to EIAJ SC-74 and JEDEC MO178AB.
3. Dimensions D and E1 are exclusive of mold flash, protrusions,
or gate burrs.
4. Footlength L measured at reference to gauge plane.
5. “N” is the number of terminal positions.
6. These Dimensions apply to the flat section of the lead between
0.08mm and 0.15mm from the lead tip.
7. Controlling dimension: MILLIMETER. Converted inch
dimensions are for reference only
8. Die is facing up for mold die and trim-form.


Similar Part No. - ISL88001IH31Z-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88001IH31Z-T RENESAS-ISL88001IH31Z-T Datasheet
547Kb / 11P
   Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
More results

Similar Description - ISL88001IH31Z-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88001 RENESAS-ISL88001 Datasheet
547Kb / 11P
   Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
logo
Intersil Corporation
ISL88003IH46Z-T INTERSIL-ISL88003IH46Z-T Datasheet
339Kb / 11P
   Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
logo
List of Unclassifed Man...
MB-4 ETC2-MB-4 Datasheet
1Mb / 1P
   Fits SOT-343 (SC-70) amplifier packages
logo
Micrel Semiconductor
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
   27MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
   51MHz Low-Power SOT-23-5/SC-70 Op Amp
logo
Texas Instruments
TPS61040DDCR TI-TPS61040DDCR Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040 TI-TPS61040_07 Datasheet
527Kb / 22P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
logo
Intersil Corporation
ISL88011 INTERSIL-ISL88011_11 Datasheet
330Kb / 13P
   5 Ld Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX6457_V5 MAXIM-MAX6457_V5 Datasheet
158Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 5; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com