Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7242CS Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL7242CS
Description  Dual Input, High Speed, Dual Channel Power MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7242CS Datasheet(HTML) 8 Page - Intersil Corporation

  EL7242CS Datasheet HTML 1Page - Intersil Corporation EL7242CS Datasheet HTML 2Page - Intersil Corporation EL7242CS Datasheet HTML 3Page - Intersil Corporation EL7242CS Datasheet HTML 4Page - Intersil Corporation EL7242CS Datasheet HTML 5Page - Intersil Corporation EL7242CS Datasheet HTML 6Page - Intersil Corporation EL7242CS Datasheet HTML 7Page - Intersil Corporation EL7242CS Datasheet HTML 8Page - Intersil Corporation EL7242CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FN7285.4
July 29, 2009
EL7242, EL7252
Small Outline Package Family (SO)
GAUGE
PLANE
A2
A1
L
L1
DETAIL X
4° ±4°
SEATING
PLANE
e
H
b
C
0.010
B
M
CA
0.004 C
0.010
B
M
CA
B
D
(N/2)
1
E1
E
N
N
(N/2)+1
A
PIN #1
I.D. MARK
h X 45°
A
SEE DETAIL “X”
c
0.010
MDP0027
SMALL OUTLINE PACKAGE FAMILY (SO)
SYMBOL
INCHES
TOLERANCE
NOTES
SO-8
SO-14
SO16
(0.150”)
SO16 (0.300”)
(SOL-16)
SO20
(SOL-20)
SO24
(SOL-24)
SO28
(SOL-28)
A
0.068
0.068
0.068
0.104
0.104
0.104
0.104
MAX
-
A1
0.006
0.006
0.006
0.007
0.007
0.007
0.007
±0.003
-
A2
0.057
0.057
0.057
0.092
0.092
0.092
0.092
±0.002
-
b
0.017
0.017
0.017
0.017
0.017
0.017
0.017
±0.003
-
c
0.009
0.009
0.009
0.011
0.011
0.011
0.011
±0.001
-
D
0.193
0.341
0.390
0.406
0.504
0.606
0.704
±0.004
1, 3
E
0.236
0.236
0.236
0.406
0.406
0.406
0.406
±0.008
-
E1
0.154
0.154
0.154
0.295
0.295
0.295
0.295
±0.004
2, 3
e
0.050
0.050
0.050
0.050
0.050
0.050
0.050
Basic
-
L
0.025
0.025
0.025
0.030
0.030
0.030
0.030
±0.009
-
L1
0.041
0.041
0.041
0.056
0.056
0.056
0.056
Basic
-
h
0.013
0.013
0.013
0.020
0.020
0.020
0.020
Reference
-
N
8
14
16
16
20
24
28
Reference
-
Rev. M 2/07
NOTES:
1. Plastic or metal protrusions of 0.006” maximum per side are not included.
2. Plastic interlead protrusions of 0.010” maximum per side are not included.
3. Dimensions “D” and “E1” are measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994


Similar Part No. - EL7242CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7242CS ELANTEC-EL7242CS Datasheet
187Kb / 8P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242CS INTERSIL-EL7242CS Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242CS-T13 INTERSIL-EL7242CS-T13 Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242CS-T7 INTERSIL-EL7242CS-T7 Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242CSZ INTERSIL-EL7242CSZ Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
More results

Similar Description - EL7242CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Renesas Technology Corp
EL7242 RENESAS-EL7242 Datasheet
472Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Elantec Semiconductor
EL7243C ELANTEC-EL7243C Datasheet
221Kb / 12P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
EL7243 INTERSIL-EL7243 Datasheet
129Kb / 7P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Renesas Technology Corp
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com