Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9014AIRMNZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL9014AIRMNZ
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9014AIRMNZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL9014AIRMNZ Datasheet HTML 1Page - Intersil Corporation ISL9014AIRMNZ Datasheet HTML 2Page - Intersil Corporation ISL9014AIRMNZ Datasheet HTML 3Page - Intersil Corporation ISL9014AIRMNZ Datasheet HTML 4Page - Intersil Corporation ISL9014AIRMNZ Datasheet HTML 5Page - Intersil Corporation ISL9014AIRMNZ Datasheet HTML 6Page - Intersil Corporation ISL9014AIRMNZ Datasheet HTML 7Page - Intersil Corporation ISL9014AIRMNZ Datasheet HTML 8Page - Intersil Corporation ISL9014AIRMNZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN6438.0
ISL9014A
Dual LDO with Low Noise, Low IQ, and
High PSRR
ISL9014A is a high performance dual LDO capable of
sourcing 300mA current from both outputs. The device has a
low standby current and high-PSRR and is stable with output
capacitance of 1µF to 10µF with ESR of up to 200m
Ω.
A reference bypass pin allows an external capacitor for
adjusting a noise filter for low noise and high PSRR
applications.
The quiescent current is typically only 45µA with both LDOs
enabled and active. Separate enable pins control each
individual LDO output. When both enable pins are low, the
device is in shutdown, typically drawing less than 0.1µA.
Several combinations of voltage outputs are standard.
Others are available on request. Output voltage options for
each LDO range from 1.2V to 3.6V.
Pinout
ISL9014A
(10 LD 3x3 DFN)
TOP VIEW
Features
• Integrates two high performance LDOs
- VO1 - 300mA output
- VO2 - 300mA output
• Excellent transient response to large current steps
• Excellent load regulation: <1% voltage change across full
range of load current
• High PSRR: 70dB @ 1kHz
• Wide input voltage capability: 2.3V to 6.5V
• Extremely low quiescent current: 45µA (both LDOs active)
• Low dropout voltage: typically 200mV @ 300mA
• Low output noise: typically 30µVRMS @ 100µA (1.5V)
• Stable with 1µF to 10µF ceramic capacitors
• Separate enable pins for each LDO
• Soft-start to limit input current surge during enable
• Current limit and overheat protection
• ±1.8% accuracy over all operating conditions
• Tiny 10 Ld 3mmx3mm DFN package
• -40°C to +85°C operating temperature range
• Pin compatible with Micrel MIC2211
• Pb-free plus anneal available (RoHS compliant)
Applications
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Handheld Devices including Medical Handhelds
VIN
EN1
EN2
CBYP
NC
VO1
VO2
NC
NC
GND
2
3
4
1
5
9
8
7
10
6
Data Sheet
January 30, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL9014AIRMNZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9014AIRMNZ INTERSIL-ISL9014AIRMNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
logo
Renesas Technology Corp
ISL9014AIRMNZ RENESAS-ISL9014AIRMNZ Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results

Similar Description - ISL9014AIRMNZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
ISL9012 RENESAS-ISL9012 Datasheet
595Kb / 12P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9014 RENESAS-ISL9014 Datasheet
550Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
logo
Intersil Corporation
ISL9014 INTERSIL-ISL9014_06 Datasheet
220Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9012 INTERSIL-ISL9012_06 Datasheet
235Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com