Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5211AIYEZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5211AIYEZ
Description  60MHz Rail-to-Rail Input-Output Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5211AIYEZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5211AIYEZ Datasheet HTML 4Page - Intersil Corporation EL5211AIYEZ Datasheet HTML 5Page - Intersil Corporation EL5211AIYEZ Datasheet HTML 6Page - Intersil Corporation EL5211AIYEZ Datasheet HTML 7Page - Intersil Corporation EL5211AIYEZ Datasheet HTML 8Page - Intersil Corporation EL5211AIYEZ Datasheet HTML 9Page - Intersil Corporation EL5211AIYEZ Datasheet HTML 10Page - Intersil Corporation EL5211AIYEZ Datasheet HTML 11Page - Intersil Corporation EL5211AIYEZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6143.2
July 23, 2009
Applications Information
Product Description
The EL5211A voltage feedback amplifier is fabricated using
a high voltage CMOS process. It exhibits rail-to-rail input and
output capability, is unity gain stable, and has low power
consumption (2.5mA per amplifier). These features make
the EL5211A ideal for a wide range of general-purpose
applications. Connected in voltage follower mode and driving
a load of 1k
Ω, the EL5211A has a -3dB bandwidth of 60MHz
while maintaining a 75V/µs slew rate.
Operating Voltage, Input, and Output
The EL5211A is specified with a single nominal supply
voltage from 5V to 15V or a split supply with its total range
from 5V to 15V. Correct operation is guaranteed for a supply
range of 4.5V to 16.5V. Most EL5211A specifications are
stable over both the full supply range and operating
temperatures of -40°C to +85°C. Parameter variations with
operating voltage and/or temperature are shown in the
“Typical Performance Curves” on page 4.
The input common-mode voltage range of the EL5211A
extends 500mV beyond the supply rails. The output swings
of the EL5211A typically extend to within 100mV of positive
and negative supply rails with load currents of 5mA.
Decreasing load currents will extend the output voltage
range even closer to the supply rails. Figure 27 shows the
input and output waveforms for the device in the unity-gain
configuration. Operation is from ±5V supply with a 1k
Ω load
connected to GND. The input is a 10VP-P sinusoid. The
output voltage is approximately 9.8VP-P.
Short Circuit Current Limit
The EL5211A will limit the short circuit current to ±110mA if the
output is directly shorted to the positive or the negative supply.
If an output is shorted indefinitely, the power dissipation could
easily increase such that the device may be damaged.
Maximum reliability is maintained if the output continuous
current never exceeds ±65mA. This limit is set by the design of
the internal metal interconnects.
Pin Descriptions
PIN NUMBER
PIN NAME
FUNCTION
EQUIVALENT CIRCUIT
1
VOUTA
Amplifier A output
2
VINA-
Amplifier A inverting input
3
VINA+
Amplifier A non-inverting input
(Reference Circuit 2)
4
VS-
Negative power supply
5
VINB+
Amplifier B non-inverting input
(Reference Circuit 2)
6
VINB-
Amplifier B inverting input
(Reference Circuit 2)
7
VOUTB
Amplifier B output
(Reference Circuit 1)
8
VS+
Positive power supply
VS+
GND
VS-
CIRCUIT 1
VS+
VS-
CIRCUIT 2
5V
5V
10µs
FIGURE 27. OPERATION WITH RAIL-TO-RAIL INPUT AND
OUTPUT
VS = ±5V
TA = +25°C
AV = 1
VIN = 10VP-
EL5211A


Similar Part No. - EL5211AIYEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5211AIYEZ INTERSIL-EL5211AIYEZ Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5211AIYEZ INTERSIL-EL5211AIYEZ Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211AIYEZ RENESAS-EL5211AIYEZ Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Intersil Corporation
EL5211AIYEZ-T13 INTERSIL-EL5211AIYEZ-T13 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5211AIYEZ-T13 INTERSIL-EL5211AIYEZ-T13 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
More results

Similar Description - EL5211AIYEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Intersil Corporation
ISL24020IHTZ-T7 INTERSIL-ISL24020IHTZ-T7 Datasheet
192Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
October 2, 2008
ISL24020 INTERSIL-ISL24020 Datasheet
194Kb / 10P
   Low Cost, 60MHz Rail-to-Rail Input-Output Op-Amp
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWTZ-T7 INTERSIL-EL5111IWTZ-T7 Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com