Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6720AARZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6720AARZ
Description  100V Triple Linear Bias Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6720AARZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6720AARZ Datasheet HTML 3Page - Intersil Corporation ISL6720AARZ Datasheet HTML 4Page - Intersil Corporation ISL6720AARZ Datasheet HTML 5Page - Intersil Corporation ISL6720AARZ Datasheet HTML 6Page - Intersil Corporation ISL6720AARZ Datasheet HTML 7Page - Intersil Corporation ISL6720AARZ Datasheet HTML 8Page - Intersil Corporation ISL6720AARZ Datasheet HTML 9Page - Intersil Corporation ISL6720AARZ Datasheet HTML 10Page - Intersil Corporation ISL6720AARZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN6487.1
August 23, 2007
.
VSW
VSW is the switched output and may be turned on and off
using the ENABLE pin (GND = off). The output is adjustable
from 1.5V to 15V, but must always be at least 1.5V lower
than VIO and 5.5V lower than VPWR. VSW uses VIO as its
input source. If the external source applied to VIO is unable
to supply adequate voltage, VPWR will be selected as an
alternate source for VIO (and VSW). VSW is capable of
sourcing up to 50mA continuously, and up to 80mA on a
transient basis.
The output voltage is adjusted using the VSWADJ input. The
voltage applied to this pin, multiplied by an internal gain of 7,
sets the output voltage.
With a 220pF capacitor from VSW to VSWCOMP, the load
capacitance on VSW should be 1.0µF nominal, with a range
of 0.47µF to 1.5µF. VSW requires a minimum load of
500µA. These conditions must be met even if the VSW
output is not used.
VCONT
VCONT, which has a tight tolerance output and can source
25mA, is a continuos output. It remains on during most fault
conditions and precedes VIO and VSW during power-up. It
may be used as reference for other circuitry, or may be used
to power a micro-controller or other similar device.
VCONT selects VIO as its primary source voltage, but also
uses VPWR if VIO is not present or capable.
VIO must have at least 5V of headroom above VCONT or
VPWR is selected as the source. VCONT is enabled when
VPWR exceeds its UVLO threshold and its operation
precedes the enabling of VIO and VSW by 250
μs, nominal.
VCONT requires a minimum 250
μA load for stability. It
should be bypassed to GND with a 1µF capacitor and
requires a 1nF compensation capacitor between VCOMP
and VCONT. These conditions must be met even if the
VCONT output is not used.
Figure 7 depicts the output deviation on each output when
VSW experiences a 0mA to 50 mA step load. VIO Is
unloaded without back-bias and VCONT has a 250
μA
(minimum) load.
Figure 8 depicts the output deviation on each output when
VCONT experiences a 0mA to 25mA step load. VIO Is
unloaded without back-bias and VSW has a 500
μA
(minimum) load.
VADJ
ENABLE
VIO
7
9
10
11
8
6
N/C
VSWCOMP
VSW
+
ISL6720A
FIGURE 6. ISOLATING VIO FROM LARGE CAPACITANCES
VSW
7
VSWADJ
×
=
V
(EQ. 2)
FIGURE 7. VSW TRANSIENT RESPONSE, 0mA to 50mA
STEP, TRACE1: VSW, TRACE2: VCONT,
TRACE3: VIO
TRACE 1
TRACE 1
TRACE 3
TRACE 2
FIGURE 8. VCONT TRANSIENT RESPONSE, 0mA to 25mA
STEP, TRACE1: VSW, TRACE2: VCONT,
TRACE3: VIO
TRACE 1
TRACE 3
TRACE 2
ISL6720A


Similar Part No. - ISL6720AARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6720AARZ INTERSIL-ISL6720AARZ Datasheet
221Kb / 11P
   100V Triple Linear Bias Supply
August 23, 2007
logo
Renesas Technology Corp
ISL6720AARZ RENESAS-ISL6720AARZ Datasheet
564Kb / 11P
   100V Triple Linear Bias Supply
More results

Similar Description - ISL6720AARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6720AARZ INTERSIL-ISL6720AARZ Datasheet
221Kb / 11P
   100V Triple Linear Bias Supply
August 23, 2007
logo
Renesas Technology Corp
ISL6720A RENESAS-ISL6720A Datasheet
564Kb / 11P
   100V Triple Linear Bias Supply
ISL6719 RENESAS-ISL6719 Datasheet
492Kb / 9P
   100V Linear Bias Supply
logo
Intersil Corporation
ISL6719 INTERSIL-ISL6719 Datasheet
177Kb / 9P
   100V Linear Bias Supply
ISL6719ARZ INTERSIL-ISL6719ARZ Datasheet
304Kb / 9P
   100V Linear Bias Supply
July 15, 2014
logo
Texas Instruments
TPS65110 TI1-TPS65110_14 Datasheet
384Kb / 15P
[Old version datasheet]   LTPS-LCD BIAS POWER SUPPLY, TRIPLE CHARGE PUMP
TPS65110 TI-TPS65110 Datasheet
231Kb / 15P
[Old version datasheet]   LTPS LCD BIAS POWER SUPPLY TRIPLE CHARGE PUMP
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
logo
Maxim Integrated Produc...
MAX1916 MAXIM-MAX1916 Datasheet
211Kb / 7P
   Low-Dropout, Constant-Current Triple White LED Bias Supply
logo
Monolithic Power System...
MP1530 MPS-MP1530 Datasheet
358Kb / 15P
   Triple Output Step-Up Plus Linear Regulators for TFT Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com