Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7532IY Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL7532IY
Description  Monolithic 2A Step-Down Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7532IY Datasheet(HTML) 8 Page - Intersil Corporation

  EL7532IY Datasheet HTML 1Page - Intersil Corporation EL7532IY Datasheet HTML 2Page - Intersil Corporation EL7532IY Datasheet HTML 3Page - Intersil Corporation EL7532IY Datasheet HTML 4Page - Intersil Corporation EL7532IY Datasheet HTML 5Page - Intersil Corporation EL7532IY Datasheet HTML 6Page - Intersil Corporation EL7532IY Datasheet HTML 7Page - Intersil Corporation EL7532IY Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
FN7435.5
August 12, 2005
At extreme conditions (VIN < 3V, IO > 0.7A, and junction
temperature higher than 75°C), input cap C1 is
recommended to be 22µF. Otherwise, if any of the above 3
conditions is not true, C1 can remain as low as 10µF.
The RMS current present at the input capacitor is decided by
the following formula:
This is about half of the output current IO for all the VO. This
input capacitor must be able to handle this current.
The inductor peak-to-peak ripple current is given as:
• L is the inductance
•fS the switching frequency (nominally 1.5MHz)
The inductor must be able to handle IO for the RMS load
current, and to assure that the inductor is reliable, it must
handle the 3A surge current that can occur during a current
limit condition.
Current Limit and Short-Circuit Protection
The current limit is set at about 3A for the PMOS. When a
short-circuit occurs in the load, the preset current limit
restricts the amount of current available to the output, which
causes the output voltage to drop below the preset voltage.
In the meantime, the excessive current heats up the
regulator until it reaches the thermal shut-down point.
Thermal Shut-Down
Once the junction reaches about 145°C, the regulator shuts
down. Both the P channel and the N channel MOSFETs turn
off. The output voltage will drop to zero. With the output
MOSFETs turned off, the regulator will soon cool down.
Once the junction temperature drops to about 130°C, the
regulator will restart again in the same manner as the EN pin
connects to logic HI.
Thermal Performance
The EL7532 is in a fused-lead MSOP10 package. Compared
to the regular MSOP10 package, the fused-lead package
provides lower thermal resistance. The typical
θJA of
115°C/W (See Thermal Information section in spec table)
can be improved by maximizing the copper area around the
pins. A
θJA of 100°C/W can be achieved on a 4-layer board
and 125°C/W on a 2-layer board. Refer to Intersil’s Tech
Brief, TB379, for more information on thermal resistance.
Layout Considerations
The layout is very important for the converter to function
properly. The following PC layout guidelines should be
followed:
• Separate the Power Ground ( ) and Signal Ground ( );
connect them only at one point right at the pins
• Place the input capacitor as close to VIN and PGND pins
as possible
• Make the following PC traces as small as possible:
- from LX pin to L
- from CO to PGND
• If used, connect the trace from the FB pin to R1 and R2 as
close as possible
• Maximize the copper area around the PGND pin
• Place several via holes under the chip to additional ground
plane to improve heat dissipation
The demo board is a good example of layout based on this
outline. Please refer to the EL7532 Application Brief.
IINRMS
VO VIN - VO
()
×
VIN
------------------------------------------------ IO
×
=
∆I
IL
VIN
(
- VO) VO
×
LVIN fS
×
×
--------------------------------------------
=
EL7532


Similar Part No. - EL7532IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7532IY INTERSIL-EL7532IY Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
EL7532IY-T13 INTERSIL-EL7532IY-T13 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
EL7532IY-T7 INTERSIL-EL7532IY-T7 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
EL7532IYZ INTERSIL-EL7532IYZ Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Renesas Technology Corp
EL7532IYZ RENESAS-EL7532IYZ Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
More results

Similar Description - EL7532IY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Linear Technology
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3500 LINER-LT3500 Datasheet
286Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
347Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com