Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL9202IL Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL9202IL
Description  Programmable VCOM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9202IL Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL9202IL Datasheet HTML 6Page - Intersil Corporation EL9202IL Datasheet HTML 7Page - Intersil Corporation EL9202IL Datasheet HTML 8Page - Intersil Corporation EL9202IL Datasheet HTML 9Page - Intersil Corporation EL9202IL Datasheet HTML 10Page - Intersil Corporation EL9202IL Datasheet HTML 11Page - Intersil Corporation EL9202IL Datasheet HTML 12Page - Intersil Corporation EL9202IL Datasheet HTML 13Page - Intersil Corporation EL9202IL Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN7438.1
October 30, 2008
Application Information
This device provides the ability to reduce the flicker of an
LCD panel by adjustment of the VCOM voltage during
production test and alignment. A 128-step resolution is
provided under digital control which adjusts the sink current
of the output. The output is connected to an external voltage
divider, so that the device will have the capability to reduce
the voltage on the output by increasing the output sink
current.
The adjustment of the output and the programming of the
non-volatile memory are provided on one pin while the
counter enable (CE) is provided on a separate pin. The
output is adjusted via the CTL pin either by counting up with
a mid to low transition or by counting down with a mid to high
transition. Once the minimum or maximum value is reached
on the 128 steps, the device will not overflow or underflow
beyond that minimum or maximum value. An increment of
the counter will increase the output sink current which will
lower the voltage on the external voltage divider. A
decrement of the counter will decrease the output sink
current, which will raise the voltage on the external voltage
divider.
Once the desired output level is obtained, the part can store
it's setting using the non-volatile memory in the device. See
the “Non-Volatile Memory (EEPROM) Programming” on
page 12 for detailed information.
Note: Once the desired output level is stored in the
EEPROM, the CE pin must go low to preserve the stored
value.
Adjustable Sink Current Output
The device provides an output sink current which lowers the
voltage on the external voltage divider. The equations that
control the output are given in Equation 1:
NOTE: Where setting is an integer between 1 and 128.
7-Bit Up/Down Counter
The counter sets the level to the digital potentiometer and is
connected to the non-volatile memory. When the part is
programmed, the counter setting is loaded into the
non-volatile memory. This value will be loaded from the
non-volatile memory into the counter during power-on. The
counter will not exceed its maximum level and will hold that
value during subsequent increment requests on the CTL pin.
The counter will not exceed its minimum level and will hold
that value during subsequent decrement requests on the
CTL pin.
CTL Pin
CTL should have a noise filter to reduce bouncing or noise
on the input that could cause unwanted counting when the
CE pin is high. The board should have an additional ESD
protection circuit, with a series 1k
Ω resistor and a shunt
0.01µF capacitor connected on the CTL pin.
In order to increment the setting, pulse CTL low for more
than 200µs. The output sink current increases and lowers
the VCOM lever by one least-significant bit (LSB). On the
other hand, to decrement the setting, pulse CTL high for
FIGURE 25. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 26. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Amplifier Typical Performance Curves (Continued)
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD - QFN EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
3.378W
θ
JA =
37
°C
/W
QF
N2
4
0
150
AMBIENT TEMPERATURE (°C)
75
4.5
3.0
0
1.0
4.0
2.0
2.5
0.5
3.5
1.5
25
100
50
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
θ
JA =
14
0°C
/W
QF
N2
4
893mW
0
150
AMBIENT TEMPERATURE (°C)
75
1.2
0.6
0
1.0
0.2
0.4
0.8
25
100
50
125
85
I
OUT
Setting
128
---------------------
A
VDD
20 R
SET
()
---------------------------
×
=
V
OUT
R
2
R
1
R
2
+
---------------------
⎝⎠
⎜⎟
⎛⎞
V
AVDD 1
Setting
128
---------------------
R
1
20 R
SET
()
---------------------------
×
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 1)
EL9200, EL9201, EL9202


Similar Part No. - EL9202IL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL9202IL RENESAS-EL9202IL Datasheet
692Kb / 15P
   Programmable VCOM
EL9202IL-T13 RENESAS-EL9202IL-T13 Datasheet
692Kb / 15P
   Programmable VCOM
EL9202IL-T7 RENESAS-EL9202IL-T7 Datasheet
692Kb / 15P
   Programmable VCOM
EL9202ILZ RENESAS-EL9202ILZ Datasheet
692Kb / 15P
   Programmable VCOM
EL9202ILZ-T13 RENESAS-EL9202ILZ-T13 Datasheet
692Kb / 15P
   Programmable VCOM
More results

Similar Description - EL9202IL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL9200 RENESAS-EL9200 Datasheet
692Kb / 15P
   Programmable VCOM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
   Programmable Gamma and VCOM Buffers
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com