Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5227CRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5227CRZ
Description  2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5227CRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5227CRZ Datasheet HTML 6Page - Intersil Corporation EL5227CRZ Datasheet HTML 7Page - Intersil Corporation EL5227CRZ Datasheet HTML 8Page - Intersil Corporation EL5227CRZ Datasheet HTML 9Page - Intersil Corporation EL5227CRZ Datasheet HTML 10Page - Intersil Corporation EL5227CRZ Datasheet HTML 11Page - Intersil Corporation EL5227CRZ Datasheet HTML 12Page - Intersil Corporation EL5227CRZ Datasheet HTML 13Page - Intersil Corporation EL5227CRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN7111.4
May 4, 2007
FIGURE 13. SLEW RATE vs TEMPERATURE
FIGURE 14. SUPPLY CURRENT PER CHANNEL vs
TEMPERATURE
FIGURE 15. SUPPLY CURRENT PER CHANNEL vs SUPPLY
VOLTAGE
FIGURE 16. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 17. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 18. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves
2.255
2.245
2.235
2.225
2.215
80
TEMPERATURE (°C)
-40
40
0
-20
60
20
VS=±5V
0.185
0.18
0.175
0.17
0.16
85
TEMPERATURE (°C)
-35
-15
5
25
45
65
0.165
VS=±5V
0.195
0.19
0.185
0.175
0.165
18
SUPPLY VOLTAGE (V)
4
6
8
12
14
16
0.17
0.18
10
TA=25°C
4µs/DIV
1V/DIV
1µs/DIV
20mV/DIV
3
2.5
2
1.5
1
0.5
0
0
25
50
75
100
125
150
85
AMBIENT TEMPERATURE (°C)
2.703W
2.857W
QFN32
θ
JA=35°C/W
QFN24
θJA=37°C/W
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
870mW
MSOP10
θ
JA=115°C/W
EL5127, EL5227, EL5327, EL5427


Similar Part No. - EL5227CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5227CRZ INTERSIL-EL5227CRZ Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5227CRZ RENESAS-EL5227CRZ Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5227CRZ-T13 INTERSIL-EL5227CRZ-T13 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5227CRZ-T13 RENESAS-EL5227CRZ-T13 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5227CRZ-T7 INTERSIL-EL5227CRZ-T7 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
More results

Similar Description - EL5227CRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
logo
Elantec Semiconductor
EL5127C ELANTEC-EL5127C Datasheet
138Kb / 2P
   Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Renesas Technology Corp
EL5027 RENESAS-EL5027 Datasheet
524Kb / 10P
   Dual 2.5MHz Rail-to-Rail Input-Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com