Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL9200IL-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL9200IL-T13
Description  Programmable VCOM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9200IL-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL9200IL-T13 Datasheet HTML 1Page - Intersil Corporation EL9200IL-T13 Datasheet HTML 2Page - Intersil Corporation EL9200IL-T13 Datasheet HTML 3Page - Intersil Corporation EL9200IL-T13 Datasheet HTML 4Page - Intersil Corporation EL9200IL-T13 Datasheet HTML 5Page - Intersil Corporation EL9200IL-T13 Datasheet HTML 6Page - Intersil Corporation EL9200IL-T13 Datasheet HTML 7Page - Intersil Corporation EL9200IL-T13 Datasheet HTML 8Page - Intersil Corporation EL9200IL-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN7438.1
October 30, 2008
Pin Descriptions
PIN
IN/OUT
DESCRIPTION
EQUIVALENT CIRCUIT
VINx-
Input
Amplifier x inverting input, where:
x = A for EL9200
x = A, B for EL9201
x = A, B, C, D for EL9202
VINx+
Input
Amplifier x non-inverting input, where:
x = A for EL9200
x = A, B for EL9201
x = A, B, C, D for EL9202
Reference Circuit 1
VS+
Supply
Op amp supply; bypass to GND with 0.1µF capacitor
VOUTX
Output
Amplifier X output, where:
x = A for EL9200
x = A, B for EL9201
x = A, B, C, D for EL9202
NC
-
No connect; not internally connected
GND
Supply
Ground connection
IOUT
Output
Adjustable sink current output pin; the current sinks into the
OUT pin is equal to the DAC setting times the maximum
adjustable sink current divided by 128; see SET pin function
description for the maxim adjustable sink current setting
SET
Output
Maximum sink current adjustment point; connect a resistor
from SET to GND to set the maximum adjustable sink
current of the OUT pin; the maximum adjustable sink
current is equal to (AVDD/20) divided by RSET
CE
Input
Counter enable pin; connect CE to VDD to enable counting
of the internal counter; connect CE to GND to inhibit
counting
CTL
Input
Internal counter up/down control and internal EEPROM
programming control input; if CE is high, a mid-to-low
transition increments the 7-bit counter, raising the DAC
setting, increasing the OUT sink current, and lowering the
divider voltage at OUT; a mid-to-high transition decrements
the 7-bit counter, lowering the DAC setting, decreasing the
OUT sink current, and increasing the divider voltage at
OUT; applying 4.9V and above with appropriately arranged
timing will overwrite EEPROM with the contents in the 7-bit
counter; see EEPROM Programming section for details
AVDD
Supply
Analog voltage supply; bypass to GND with 0.1µF
capacitor
VSD
Supply
System power supply input; bypass to GND with 0.1µF
capacitor
VS+
GND
CIRCUIT 1
VS+
GND
GND
CIRCUIT 2
EL9200, EL9201, EL9202


Similar Part No. - EL9200IL-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL9200IL-T13 RENESAS-EL9200IL-T13 Datasheet
692Kb / 15P
   Programmable VCOM
More results

Similar Description - EL9200IL-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL9200 RENESAS-EL9200 Datasheet
692Kb / 15P
   Programmable VCOM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
   Programmable Gamma and VCOM Buffers
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com