Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL9202 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL9202
Description  Programmable VCOM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9202 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL9202 Datasheet HTML 3Page - Intersil Corporation EL9202 Datasheet HTML 4Page - Intersil Corporation EL9202 Datasheet HTML 5Page - Intersil Corporation EL9202 Datasheet HTML 6Page - Intersil Corporation EL9202 Datasheet HTML 7Page - Intersil Corporation EL9202 Datasheet HTML 8Page - Intersil Corporation EL9202 Datasheet HTML 9Page - Intersil Corporation EL9202 Datasheet HTML 10Page - Intersil Corporation EL9202 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN7438.1
October 30, 2008
FIGURE 7. OPEN-LOOP GAIN vs TEMPERATURE
FIGURE 8. SLEW RATE vs TEMPERATURE
FIGURE 9. DIFFERENTIAL GAIN
FIGURE 10. DIFFERENTIAL PHASE
FIGURE 11. HARMONIC DISTORTION vs VOP-P
FIGURE 12. OPEN LOOP GAIN AND PHASE
Amplifier Typical Performance Curves (Continued)
75
70
65
60
-50
-10
30
70
110
150
TEMPERATURE (°C)
VS = ±5V
RL = 1kΩ
VS = ±V
78
77
76
75
74
72
-50
-10
30
70
110
150
TEMPERATURE (°C)
73
VS = 5V
AV = 2
RL = 1kΩ
0
-0.02
-0.04
-0.12
-0.14
-0.18
0
100
200
IRE
-0.16
-0.06
-0.08
-0.10
0.30
0.25
0.20
0.05
0
0
100
200
IRE
0.15
0.10
VS = 5V
AV = 2
RL = 1kΩ
FREQ = 1MHz
2nd HD
3rd HD
-30
-40
-50
-80
-90
08
10
VOP-P (V)
-60
-70
246
GAIN
PHASE
1k
10M
100M
FREQUENCY (Hz)
10k
100k
1M
80
60
40
-20
20
0
250
190
130
-50
70
10
EL9200, EL9201, EL9202


Similar Part No. - EL9202

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL9202 RENESAS-EL9202 Datasheet
692Kb / 15P
   Programmable VCOM
EL9202IL RENESAS-EL9202IL Datasheet
692Kb / 15P
   Programmable VCOM
EL9202IL-T13 RENESAS-EL9202IL-T13 Datasheet
692Kb / 15P
   Programmable VCOM
EL9202IL-T7 RENESAS-EL9202IL-T7 Datasheet
692Kb / 15P
   Programmable VCOM
EL9202ILZ RENESAS-EL9202ILZ Datasheet
692Kb / 15P
   Programmable VCOM
More results

Similar Description - EL9202

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL9200 RENESAS-EL9200 Datasheet
692Kb / 15P
   Programmable VCOM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
   Programmable Gamma and VCOM Buffers
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com