Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL2100AAR3Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL2100AAR3Z
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2100AAR3Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL2100AAR3Z Datasheet HTML 3Page - Intersil Corporation ISL2100AAR3Z Datasheet HTML 4Page - Intersil Corporation ISL2100AAR3Z Datasheet HTML 5Page - Intersil Corporation ISL2100AAR3Z Datasheet HTML 6Page - Intersil Corporation ISL2100AAR3Z Datasheet HTML 7Page - Intersil Corporation ISL2100AAR3Z Datasheet HTML 8Page - Intersil Corporation ISL2100AAR3Z Datasheet HTML 9Page - Intersil Corporation ISL2100AAR3Z Datasheet HTML 10Page - Intersil Corporation ISL2100AAR3Z Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6294.3
May 6, 2010
FIGURE 13. ISL2100A PROPAGATION DELAYS vs
TEMPERATURE
FIGURE 14. ISL2101A PROPAGATION DELAYS vs
TEMPERATURE
FIGURE 15. ISL2100A DELAY MATCHING vs TEMPERATURE
FIGURE 16. ISL2101A DELAY MATCHING vs TEMPERATURE
FIGURE 17. PEAK PULL-UP CURRENT vs OUTPUT VOLTAGE
FIGURE 18. PEAK PULL-DOWN CURRENT vs OUTPUT
VOLTAGE
Typical Performance Curves (Continued)
-50
0
50
100
150
20
25
30
35
40
45
50
55
TEMPERATURE (°C)
tLPLH
tHPLH
tHPHL
tLPHL
-50
0
50
100
150
20
25
30
35
40
45
50
55
TEMPERATURE (°C)
tHPLH
tLPLH
tHPHL
tLPHL
-50
0
50
100
150
3
4
5
6
7
8
9
10
TEMPERATURE (°C)
tMOFF
tMON
-50
0
50
100
150
2
3
4
5
6
7
8
9
10
TEMPERATURE (°C)
tMOFF
tMON
04
8
10
12
0
0.5
1.0
1.5
2.0
2.5
VLO, VHO (V)
26
0
4
8
10
12
0
0.5
1.0
1.5
2.0
2.5
VLO, VHO (V)
26
ISL2100A, ISL2101A


Similar Part No. - ISL2100AAR3Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Renesas Technology Corp
ISL2100AAR3Z RENESAS-ISL2100AAR3Z Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
More results

Similar Description - ISL2100AAR3Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
HIP2122 RENESAS-HIP2122 Datasheet
717Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com