Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6622BIRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6622BIRZ
Description  VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6622BIRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6622BIRZ Datasheet HTML 3Page - Intersil Corporation ISL6622BIRZ Datasheet HTML 4Page - Intersil Corporation ISL6622BIRZ Datasheet HTML 5Page - Intersil Corporation ISL6622BIRZ Datasheet HTML 6Page - Intersil Corporation ISL6622BIRZ Datasheet HTML 7Page - Intersil Corporation ISL6622BIRZ Datasheet HTML 8Page - Intersil Corporation ISL6622BIRZ Datasheet HTML 9Page - Intersil Corporation ISL6622BIRZ Datasheet HTML 10Page - Intersil Corporation ISL6622BIRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
March 19, 2009
down to a lower drive voltage with GVOT can improve the
switching losses seen and maximize system efficiency.
Figure 2 shows that the gate drive voltage optimization is
accomplished via an internal low drop out regulator (LDO)
that regulates the lower gate drive voltage. LVCC is driven to
a lower voltage depending on the GD_SEL pin impedance.
The input and output of this internal regulator are the VCC
and LVCC pins, respectively. Both VCC and LVCC should be
decoupled with a high quality, low ESR ceramic capacitor.
In the 8 Ld SOIC package, the ISL6622B drives the upper
gate to 12V while the lower drive voltage is fixed at 5.75V. The
10 Ld DFN part offers more flexibility: the upper gate can be
driven from 5V to 12V via the UVCC pin, while the lower gate
has a resistor-selectable drive voltage of 5.75V, 6.75V, and
7.75V (typically). This provides the flexibility necessary to
optimize applications involving trade-offs between gate
charge and conduction losses. Table 1 shows the LDO output
(LVCC) level set by GD_SEL pin impedance.
Figure 3 illustrates the internal LDO’s variation with the
average load current plotted over a range of temperatures
spanning from -40°C to +120°C. Should finer tweaking of this
LVCC voltage be necessary, a resistor (RCC) can be used to
shunt the LDO, as shown in Figure 2. The resistor thus
delivers part of the LGATE drive current, leaving less current
going through the internal LDO, elevating the LDO’s output
voltage. Further reduction in RCC’s value can raise the
LVCC voltage further, as desired.
Power-On Reset (POR) Function
During initial start-up, the VCC voltage rise is monitored. Once
the rising VCC voltage exceeds the rising POR threshold,
operation of the driver is enabled and the PWM input signal
takes control of the gate drives. If VCC drops below the POR
falling threshold, operation of the driver is disabled.
Pre-POR Overvoltage Protection
While VCC is below its POR level, the upper gate is held low
and LGATE is connected to the PHASE pin via an internal
10k
Ω (typically) resistor. By connecting the PHASE node to the
gate of the low side MOSFET, the driver offers some passive
protection to the load if the upper MOSFET(s) is or becomes
shorted. If the PHASE node goes higher than the gate
threshold of the lower MOSFET, it results in the progressive
turn-on of the device and the effective clamping of the PHASE
node’s rise. The actual PHASE node clamping level depends
on the lower MOSFET’s electrical characteristics, as well as the
characteristics of the input supply and the path connecting it to
the respective PHASE node.
Internal Bootstrap Device
The ISL6622B features an internal bootstrap Schottky diode.
Simply adding an external capacitor across the BOOT and
PHASE pins completes the bootstrap circuit. The bootstrap
function is also designed to prevent the bootstrap capacitor
from overcharging due to the large negative swing at the
trailing-edge of the PHASE node. This reduces the voltage
stress on the BOOT to PHASE pins.
The bootstrap capacitor must have a maximum voltage rating
well above the maximum voltage intended for UVCC. Its
minimum capacitance value can be estimated from Equation 1:
where QG1 is the amount of gate charge per upper MOSFET
at VGS1 gate-source voltage and NQ1 is the number of
control MOSFETs. The
ΔV
BOOT_CAP term is defined as the
allowable droop in the rail of the upper gate drive. Select
results are exemplified in Figure 4.
TABLE 1. LDO OPERATION AND OPTIONS
PWM INPUT GD_SEL PIN
LVCC @ 50mA DC LOAD
Don’t Care
Floating
5.75V (Typical; Fixed in SOIC Package)
4.5k
Ω to GND
6.75V(Typical)
GND
7.75V(Typical)
FIGURE 2. GATE VOLTAGE OPTIMIZATION (GVOT) DETAIL
EXTERNAL CIRCUIT
ISL6622B INTERNAL CIRCUIT
VIN
VCC
LVCC
1µF
1µF
SET BY
GD_SEL
GVOT
LDO
RCC = OPTION FOR HIGHER LVCC
RCC
THAN PRE-SET BY GD_SEL
+
-
+
-
>
LGATE
DRIVER
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
0
20406080
100
AVERAGE LOAD CURRENT (mA)
FIGURE 3. TYPICAL LVCC VARIATION WITH LOAD
GD_SEL TIED TO GND
GD_SEL TIED TO 4.5k
Ω TO GND
GD_SEL FLOATING
+120°C
+40°C
-40°C
C
BOOT_CAP
Q
GATE
ΔV
BOOT_CAP
--------------------------------------
Q
GATE
Q
G1
UVCC
V
GS1
------------------------------------
N
Q1
=
(EQ. 1)
ISL6622B


Similar Part No. - ISL6622BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6622BIRZ RENESAS-ISL6622BIRZ Datasheet
657Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
More results

Similar Description - ISL6622BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6620CBZ INTERSIL-ISL6620CBZ Datasheet
223Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
April 25, 2008
logo
Renesas Technology Corp
ISL6622A RENESAS-ISL6622A Datasheet
569Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6620 RENESAS-ISL6620 Datasheet
536Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 RENESAS-ISL6622 Datasheet
629Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622B RENESAS-ISL6622B Datasheet
657Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
logo
Intersil Corporation
ISL6622ACBZ INTERSIL-ISL6622ACBZ Datasheet
239Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
ISL6622A INTERSIL-ISL6622A Datasheet
238Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 INTERSIL-ISL6622 Datasheet
271Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com