Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4585CS Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL4585CS
Description  Horizontal Genlock, 8FSC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4585CS Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL4585CS Datasheet HTML 7Page - Intersil Corporation EL4585CS Datasheet HTML 8Page - Intersil Corporation EL4585CS Datasheet HTML 9Page - Intersil Corporation EL4585CS Datasheet HTML 10Page - Intersil Corporation EL4585CS Datasheet HTML 11Page - Intersil Corporation EL4585CS Datasheet HTML 12Page - Intersil Corporation EL4585CS Datasheet HTML 13Page - Intersil Corporation EL4585CS Datasheet HTML 14Page - Intersil Corporation EL4585CS Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN7175.4
September 3, 2009
.
PCB Layout Considerations
It is highly recommended that power and ground planes be
used in layout. The oscillator and filter sections constitute a
feedback loop and thus care must be taken to avoid any
feedback signal influencing the oscillator except at the
control input. The entire oscillator/filter section should be
surrounded by copper ground to prevent unwanted
influences from nearby signals. Use separate paths for
analog and digital supplies, keeping the analog (oscillator
section) as short and free from spurious signals as possible.
Careful attention must be paid to correct bypassing. Keep
lead lengths short and place bypass caps as close to the
supply pins as possible. If laying out a PCB to use discrete
components for the VCO section, care must be taken to
avoid parasitic capacitance at the OSC pins 3 and 5, and
FILTER out (pin 7). Remove ground and power plane copper
above and below these traces to avoid making a capacitive
connection to them. It is also recommended to enclose the
oscillator section within a shielded cage to reduce external
influences on the VCO, as they tend to be very sensitive to
“hand waving” influences, the LC variety being more
sensitive than crystal controlled oscillators. In general, the
higher the operating frequency, the more important these
considerations are. Self contained VCXO or VCO modules
are already mounted in a shielding cage and therefore do
not require as much consideration in layout. Many crystal
manufacturers publish informative literature regarding use
and layout of oscillators which should be helpful.
LC LOOP FILTER COMPONENTS (APPROXIMATE)
FREQUENCY
(MHz)
R2
(k
Ω)
R3
(k
Ω)
C3
(µF)
C4
(µF)
26.602
100
39
0.01
0.001
27.0
100
39
0.01
0.001
29.5
100
43
0.01
0.001
35.468
100
51
0.01
0.001
21.476
100
30
0.01
0.001
24.546
100
36
0.01
0.001
28.636
100
43
0.01
0.001
FIGURE 12.
TYPICAL LOOP FILTER
XTAL LOOP FILTER COMPONENTS (APPROXIMATE)
FREQUENCY
(MHz)
R2
(k
Ω)
R3
(M
Ω)
C3
(pF)
C4
(pF)
26.602
100
4.3
68
6.8
27.0
100
4.3
68
6.8
29.5
100
4.3
68
6.8
35.468
100
4.3
68
6.8
21.476
100
4.3
68
6.8
24.546
100
4.3
68
6.8
28.636
100
4.3
68
6.8
EL4585


Similar Part No. - EL4585CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4585CS ELANTEC-EL4585CS Datasheet
262Kb / 16P
   Horizontal Genlock, 8 FSC
logo
Renesas Technology Corp
EL4585CS RENESAS-EL4585CS Datasheet
742Kb / 15P
   Horizontal Genlock, 8FSC
EL4585CS-T13 RENESAS-EL4585CS-T13 Datasheet
742Kb / 15P
   Horizontal Genlock, 8FSC
EL4585CS-T7 RENESAS-EL4585CS-T7 Datasheet
742Kb / 15P
   Horizontal Genlock, 8FSC
EL4585CSZ RENESAS-EL4585CSZ Datasheet
742Kb / 15P
   Horizontal Genlock, 8FSC
More results

Similar Description - EL4585CS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL4585 RENESAS-EL4585 Datasheet
742Kb / 15P
   Horizontal Genlock, 8FSC
logo
Intersil Corporation
EL4584 INTERSIL-EL4584 Datasheet
313Kb / 15P
   Horizontal Genlock, 4FSC
logo
Renesas Technology Corp
EL4584 RENESAS-EL4584 Datasheet
731Kb / 15P
   Horizontal Genlock, 4FSC
logo
Elantec Semiconductor
EL4585C ELANTEC-EL4585C Datasheet
262Kb / 16P
   Horizontal Genlock, 8 FSC
EL4584C ELANTEC-EL4584C Datasheet
275Kb / 16P
   Horizontal Genlock, 4 FSC
logo
Integrated Device Techn...
IDT9173B IDT-IDT9173B Datasheet
310Kb / 9P
   VIDEO GENLOCK PLL
logo
Integrated Circuit Syst...
AV9173-01 ICST-AV9173-01 Datasheet
148Kb / 6P
   Video Genlock PLL
MK9173-01 ICST-MK9173-01 Datasheet
163Kb / 7P
   Video Genlock PLL
logo
Samsung semiconductor
KS0118C SAMSUNG-KS0118C Datasheet
71Kb / 10P
   GENLOCK ADC
logo
Integrated Circuit Syst...
AV9173-15 ICST-AV9173-15 Datasheet
148Kb / 6P
   Video Genlock PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com