Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL4245EIRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL4245EIRZ
Description  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4245EIRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL4245EIRZ Datasheet HTML 4Page - Intersil Corporation ISL4245EIRZ Datasheet HTML 5Page - Intersil Corporation ISL4245EIRZ Datasheet HTML 6Page - Intersil Corporation ISL4245EIRZ Datasheet HTML 7Page - Intersil Corporation ISL4245EIRZ Datasheet HTML 8Page - Intersil Corporation ISL4245EIRZ Datasheet HTML 9Page - Intersil Corporation ISL4245EIRZ Datasheet HTML 10Page - Intersil Corporation ISL4245EIRZ Datasheet HTML 11Page - Intersil Corporation ISL4245EIRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Detailed Description
These interface ICs operate from a single +2.7V to +5.5V
supply, guarantee a 250kbps (ISL4238E/44E) / 1Mbps
(ISL4245E) minimum data rate, require only four small
external 0.1
µF capacitors, feature low power consumption,
and meet all ElA RS-232C and V.28 specifications. The
circuit is divided into three sections: The charge pump, the
transmitters, and the receivers.
Charge-Pump
Intersil’s new RS-232 family utilizes regulated on-chip dual
charge pumps as voltage doublers, and voltage inverters to
generate
±5.5V transmitter supplies from a V
CC supply as
low as 3.0V. This allows these devices to maintain RS-232
compliant output levels over the
±10% tolerance range of
3.3V powered systems. The efficient on-chip power supplies
require only four small, external 0.1
µF capacitors for the
voltage doubler and inverter functions. The charge pumps
operate discontinuously (i.e., they turn off as soon as the V+
and V- supplies are pumped up to the nominal values),
resulting in significant power savings.
Transmitters
The transmitters are proprietary, low dropout, inverting
drivers that translate TTL/CMOS inputs to EIA/TIA-232
output levels. Coupled with the on-chip
±5.5V supplies, these
transmitters deliver true RS-232 levels over a wide range of
single supply system voltages.
Transmitter outputs disable and assume a high impedance
state when the device enters the powerdown mode (see
Table 2). These outputs may be driven to
±12V when
disabled.
The ISL4238E/44E guarantee a 250kbps data rate for full
load conditions (3k
Ω and 1000pF), VCC ≥ 3.0V, with one
transmitter operating at full speed. Under more typical
conditions of VCC ≥ 3.3V, RL = 3kΩ, and CL = 250pF, one
transmitter easily operates at 1Mbps.
The ISL4245E guarantees a 1Mbps data rate for full load
conditions (3k
Ω and 250pF), VCC ≥ 3.0V, with one
transmitter operating at full speed. Under more typical
conditions of VCC ≥ 3.3V, RL = 3kΩ, and CL = 250pF, one
transmitter easily operates at 1.4Mbps.
Receiver Output Enable Time
Normal Operation, RL = 1kΩ to 0.5VCC, CL = 15pF
25
-
200
350
ns
Full
-
200
400
ns
Receiver Output Disable Time
Normal Operation, RL = 1kΩ to 0.5VCC, CL = 15pF
25
-
350
500
ns
Full
-
400
600
ns
Transmitter Output Enable Time
ISL4238E/44E/45E
Normal Operation, RL = 3kΩ, CL = 1000pF
25
-
25
40
µs
Full
-
35
50
µs
Transmitter Output Disable Time
ISL4238E/44E/45E
Normal Operation, RL = 3kΩ, CL = 1000pF
25
-
2.5
4
µs
Full
-
2.7
4
µs
Transition Region Slew Rate
ISL4238E/44E
VCC = 3V to 3.6V,
RL =3kΩ to 7kΩ,
Measured From 3V to -3V
or -3V to 3V
CL = 150pF to 1000pF
25
6
11
30
V/
µs
Full
6
10
30
V/
µs
CL = 150pF to 2500pF
25
4
9
30
V/
µs
Full
4
8
30
V/
µs
Transition Region Slew Rate
ISL4245E
VCC = 3V to 3.6V, RL = 3kΩ to 7kΩ, Measured From 3V to
-3V or -3V to 3V, CL = 150pF to 1000pF
25
24
40
150
V/
µs
Full
24
35
150
V/
µs
ESD PERFORMANCE
RS-232 Pins (TOUT, RIN)
Human Body Model
25
-
±15
-
kV
IEC6100-4-2 Air Gap Discharge
25
-
±15
-
kV
IEC6100-4-2 Contact Discharge
25
-
±8-
kV
All Other Pins
Human Body Model
25
-
±3-
kV
NOTES:
4. ISL4238E inputs utilize a positive feedback resistor. The input current is negligible when the input is at either supply rail.
5. An “edge” is defined as a transition through the transmitter or receiver input thresholds.
6. Skew is measured at the receiver input switching points (1.4V).
7. Skew is measured at the transmitter zero crossing points.
Electrical Specifications
Test Conditions: ISL4238E VCC = 3.15V to 5.5V, C1 - C4 = 0.1µF; VCC = 3V, C1 - C4 = 0.22µF;
ISL424XE VCC = 3V to 5.5V, C1 - C4 = 0.1µF; Unless Otherwise Specified. Typicals are at TA = 25
oC
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
TYP
MAX
UNITS
ISL4238E, ISL4244E, ISL4245E


Similar Part No. - ISL4245EIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4245EIRZ INTERSIL-ISL4245EIRZ Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
logo
Renesas Technology Corp
ISL4245EIRZ RENESAS-ISL4245EIRZ Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4245EIRZ-T INTERSIL-ISL4245EIRZ-T Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
logo
Renesas Technology Corp
ISL4245EIRZ-T RENESAS-ISL4245EIRZ-T Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results

Similar Description - ISL4245EIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238EIR INTERSIL-ISL4238EIR Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL4270E INTERSIL-ISL4270E Datasheet
422Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL4270E RENESAS-ISL4270E Datasheet
704Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com