Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL88041IBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL88041IBZ
Description  Quad Voltage Monitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88041IBZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL88041IBZ Datasheet HTML 1Page - Intersil Corporation ISL88041IBZ Datasheet HTML 2Page - Intersil Corporation ISL88041IBZ Datasheet HTML 3Page - Intersil Corporation ISL88041IBZ Datasheet HTML 4Page - Intersil Corporation ISL88041IBZ Datasheet HTML 5Page - Intersil Corporation ISL88041IBZ Datasheet HTML 6Page - Intersil Corporation ISL88041IBZ Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
FN9229.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL88041
Quad Voltage Monitor
The ISL88041 is a quad voltage-monitoring supervisor
designed to monitor voltages
≥0.7V. Low voltage detection
circuitry protects the user 's system from low voltage
conditions, resetting the system when any of the monitored
power supply voltages V1MON-V4MON fall below their
respective minimum voltage thresholds. The reset signal
remains asserted until all of these voltages return to proper
operating levels and stabilize.
Each rail’s VMON point is independently adjustable by using
an external resistor divider. The VMON inputs will ignore
transients of less than 30µs on the monitored supplies, and
the RST output is guaranteed to be valid down to VDD = 1V.
The RST output is open-drain to allow ORing of multiple
signals and interfacing to a wide range of logic levels. Also,
the MR input allows the user to assert reset when this input
is pulled low.
Pinout
ISL88041
(8 LD SOIC)
TOP VIEW
Features
• Quad Voltage Monitoring
• Adjustable Voltage Inputs Monitor Voltages
≥0.7V
• Active-Low RST Output
• Manual Reset Capability
• Reset Signal Valid Down to VDD = 1V
• Integrated 20kPull-Up Resistor on RST
• Glitch Immunity on Voltage Monitoring Inputs
• 8 Ld SOIC Pb-Free Plus Anneal Package
(RoHS Compliant)
Applications
• Graphics Cards
• Multi Voltage DSPs & Processors
• µP Voltage Monitoring
• Embedded Control Systems
• Intelligent Instruments
• Medical Equipment
• Network Routers
• Portable Battery-Powered Equipment
• Set-Top Boxes
• Telecommunications Systems
GND
MR
1
2
3
4
8
7
6
5
V2MON
V3MON
V1MON
V4MON
VDD
RST
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL88041IBZ
88041IBZ
-40 to +85 8 Ld SOIC
(Pb-free)
M8.15
ISL88041IBZ-T 88041IBZ
-40 to +85 8 Ld SOIC (Tape
and Reel)
M8.15
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
March 9, 2006


Similar Part No. - ISL88041IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88041IBZ RENESAS-ISL88041IBZ Datasheet
429Kb / 7P
   Quad Voltage Monitor
More results

Similar Description - ISL88041IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88041 RENESAS-ISL88041 Datasheet
429Kb / 7P
   Quad Voltage Monitor
logo
Analog Devices
ADM1184ARMZ AD-ADM1184ARMZ Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1184ARMZ AD-ADM1184ARMZ Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
ADM1184 AD-ADM1184 Datasheet
269Kb / 12P
   0.8% Accurate Quad Voltage Monitor
REV. 0
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
   Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
logo
Maxim Integrated Produc...
MAX6338 MAXIM-MAX6338 Datasheet
174Kb / 8P
   Quad Voltage Monitor in 關MAX Package
Rev 1; 7/01
logo
Linear Technology
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com