Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL4244EIRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL4244EIRZ
Description  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4244EIRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL4244EIRZ Datasheet HTML 6Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 7Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 8Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 9Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 10Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 11Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 12Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 13Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Powerdown Functionality
The already low current requirement drops significantly
when the device enters powerdown mode. In powerdown,
supply current drops to 10nA, because the on-chip charge
pump turns off (V+ collapses to VCC, V- collapses to GND),
and the transmitter outputs tristate. Inverting receiver
outputs disable only in manual powerdown; refer to Table 2
for details. This micro-power mode makes these devices
ideal for battery powered and portable applications.
Software Controlled (Manual) Powerdown
These devices allow the user to force the IC into the low
power, standby state, and utilize a two pin approach where
the FORCEON and FORCEOFF inputs determine the IC’s
mode. For always enabled operation, FORCEON and
FORCEOFF are both strapped high. To switch between
active and powerdown modes, under logic or software
control, only the FORCEOFF input need be driven. The
FORCEON state isn’t critical, as FORCEOFF dominates
over FORCEON. Nevertheless, if strictly manual control over
powerdown is desired, the user must strap FORCEON high
to disable the enhanced automatic powerdown circuitry.
ISL4238E/4XE inverting (standard) receiver outputs also
disable when the device is in manual powerdown, thereby
eliminating the possible current path through a shutdown
peripheral’s input protection diode (see Figures 2 and 3).
Connecting FORCEOFF and FORCEON together disables
the enhanced automatic powerdown feature, enabling them
to function as a manual SHUTDOWN input (see Figure 4).
With any of the above control schemes, the time required to
exit powerdown, and resume transmission is only 100
µs.
When using both manual and enhanced automatic
powerdown (FORCEON = 0), the ISL4238E/4XE won’t
power up from manual powerdown until both FORCEOFF
and FORCEON are driven high, or until a transition occurs
on a receiver or transmitter input. Figure 5 illustrates a circuit
for ensuring that the ISL4238E/4XE powers up as soon as
FORCEOFF switches high. The rising edge of the Master
Powerdown signal forces the device to power up, and the
ISL4238E/4XE returns to enhanced automatic powerdown
mode an RC time constant after this rising edge. The time
constant isn’t critical, because the ISL4238E/4XE remains
powered up for 30 seconds after the FORCEON falling edge,
even if there are no signal transitions. This gives slow-to-
wake systems (e.g., a mouse) plenty of time to start
transmitting, and as long as it starts transmitting within 30
seconds both systems remain enabled.
INVALID Output
The INVALID output always indicates (see Table 2) whether
or not 30
µs have elapsed with invalid RS-232 signals (see
Figures 6 and 9) persisting on all of the receiver inputs,
giving the user an easy way to determine when the interface
block should power down. Invalid receiver levels occur
whenever the driving peripheral’s outputs are shut off
(powered down) or when the RS-232 interface cable is
disconnected. In the case of a disconnected interface cable
where all the receiver inputs are floating (but pulled to GND
FIGURE 3. DISABLED RECEIVERS PREVENT POWER DRAIN
ISL4238E/4XE
TRANSITION
RX
TX
ROUTB
ROUT
T1IN
FORCEOFF = GND
VCC
VCC
TO
RIN
T1OUT
VOUT = HI-Z
POWERED
DETECTOR
DOWN
UART
WAKE-UP
LOGIC
FIGURE 4. CONNECTIONS FOR MANUAL POWERDOWN
WHEN NO VALID RECEIVER SIGNALS ARE
PRESENT
PWR
FORCEOFF
INVALID
CPU
I/O
FORCEON
ISL4238E/4XE
MGT
LOGIC
UART
FIGURE 5. CIRCUIT TO ENSURE IMMEDIATE POWER UP
WHEN EXITING FORCED POWERDOWN
FORCEOFF
FORCEON
POWER
MASTER POWERDOWN LINE
1M
0.1
µF
MANAGEMENT
UNIT
ISL4238E/4XE
ISL4238E, ISL4244E, ISL4245E


Similar Part No. - ISL4244EIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4244EIRZ INTERSIL-ISL4244EIRZ Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
logo
Renesas Technology Corp
ISL4244EIRZ RENESAS-ISL4244EIRZ Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
ISL4244EIRZ-T RENESAS-ISL4244EIRZ-T Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results

Similar Description - ISL4244EIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238EIR INTERSIL-ISL4238EIR Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL4270E INTERSIL-ISL4270E Datasheet
422Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL4270E RENESAS-ISL4270E Datasheet
704Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com