Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3232E Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL3232E
Description  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3232E Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL3232E Datasheet HTML 5Page - Intersil Corporation ISL3232E Datasheet HTML 6Page - Intersil Corporation ISL3232E Datasheet HTML 7Page - Intersil Corporation ISL3232E Datasheet HTML 8Page - Intersil Corporation ISL3232E Datasheet HTML 9Page - Intersil Corporation ISL3232E Datasheet HTML 10Page - Intersil Corporation ISL3232E Datasheet HTML 11Page - Intersil Corporation ISL3232E Datasheet HTML 12Page - Intersil Corporation ISL3232E Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN6045.3
February 13, 2008
Automatic Power-down (Excluding ISL3232E)
Even greater power savings is available by using the
automatic power-down function. When no valid RS-232
voltages (see Figure 6) are sensed on any receiver input for
30µs, the charge pump and transmitters power-down,
thereby reducing supply current to 150nA. Invalid receiver
levels occur whenever the driving peripheral’s outputs are
shut off (powered down) or when the RS-232 interface cable
is disconnected. The ISL4221E, ISL4223E powers back up
whenever it detects a valid RS-232 voltage level on any
receiver input. This automatic power-down feature provides
additional system power savings without changes to the
existing operating system.
Automatic power-down operates when the FORCEON input is
low, and the FORCEOFF input is high. Tying FORCEON high
disables automatic power-down, but manual power-down is
always available via the overriding FORCEOFF input. Table 2
summarizes the automatic power-down functionality.
Some applications may need more time to wake up from
shutdown. If automatic power-down is being utilized, the
RS-232 device will re-enter power-down if valid receiver
levels aren’t reestablished within 30µs of the ISL4221E,
ISL4223E powering up. Figure 5 illustrates a circuit that
keeps the ISL4221E, ISL4223E from initiating automatic
power-down for 100ms after powering up. This gives the
slow-to-wake peripheral circuit time to re-establish valid
RS-232 output levels.
The time to recover from automatic power-down mode is
typically 100µs.
INVALID Output (Excluding ISL3232E)
The INVALID output always indicates whether or not a valid
RS-232 signal (see Figure 6) is present at any of the
receiver inputs (see Table 2), giving the user an easy way to
determine when the interface block should power down.
Invalid receiver levels occur whenever the driving
peripheral’s outputs are shut off (powered down) or when the
RS-232 interface cable is disconnected. In the case of a
disconnected interface cable where all the receiver inputs
are floating (but pulled to GND by the internal receiver pull
down resistors), the INVALID logic detects the invalid levels
and drives the output low. The power management logic
then uses this indicator to power-down the interface block.
Reconnecting the cable restores valid levels at the receiver
inputs, INVALID switches high, and the power management
logic wakes up the interface block. INVALID can also be
used to indicate the DTR or RING INDICATOR signal, as
long as the other receiver inputs are floating, or driven to
GND (as in the case of a powered down driver).
INVALID switches low after invalid levels have persisted on all
of the receiver inputs for more than 30µs (see Figure 7).
INVALID switches back high 1µs after detecting a valid
RS-232 level on a receiver input. INVALID operates in all
modes (forced or automatic power-down, or forced on), so it is
also useful for systems employing manual power-down
circuitry. When automatic power-down is utilized, INVALID = 0
indicates that the ISL4221E, ISL4223E is in power-down
mode.
Capacitor Selection
The charge pumps require 0.1µF, or greater, capacitors for
proper operation. Increasing the capacitor values (by a
factor of 2) reduces ripple on the transmitter outputs and
slightly reduces power consumption.
When using minimum required capacitor values, make sure
that capacitor values do not degrade excessively with
temperature. If in doubt, use capacitors with a larger nominal
value. The capacitor’s equivalent series resistance (ESR)
usually rises at low temperatures and it influences the
amount of ripple on V+ and V-
.
FIGURE 6. DEFINITION OF VALID RS-232 RECEIVER LEVELS
0.3V
-0.3V
-2.7V
2.7V
INVALID LEVEL - POWER-DOWN OCCURS AFTER 30µs
VALID RS-232 LEVEL - ISL4221E, ISL4223E IS ACTIVE
VALID RS-232 LEVEL - ISL4221E, ISL4223E IS ACTIVE
INDETERMINATE - POWER-DOWN MAY OR
INDETERMINATE - POWER-DOWN MAY OR
MAY NOT OCCUR
MAY NOT OCCUR
RECEIVER
INPUTS
TRANSMITTER
OUTPUTS
INVALID
OUTPUT
V+
VCC
0
V-
VCC
0
tINVL
tINVH
INVALID
REGION
}
FIGURE 7. AUTOMATIC POWER-DOWN AND INVALID
TIMING DIAGRAMS
AUTOPWDN
PWR UP
ISL3232E, ISL4221E, ISL4223E


Similar Part No. - ISL3232E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL3232EIRZ RENESAS-ISL3232EIRZ Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ISL3232E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Renesas Technology Corp
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Intersil Corporation
ISL4238E INTERSIL-ISL4238E Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com