Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6439A Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6439A
Description  Single Sync Buck PWM Controller for Broadband Gateway Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6439A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6439A Datasheet HTML 7Page - Intersil Corporation ISL6439A Datasheet HTML 8Page - Intersil Corporation ISL6439A Datasheet HTML 9Page - Intersil Corporation ISL6439A Datasheet HTML 10Page - Intersil Corporation ISL6439A Datasheet HTML 11Page - Intersil Corporation ISL6439A Datasheet HTML 12Page - Intersil Corporation ISL6439A Datasheet HTML 13Page - Intersil Corporation ISL6439A Datasheet HTML 14Page - Intersil Corporation ISL6439A Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
capacitor. A conservative approach is presented in the
following equation.
Output Capacitor Selection
An output capacitor is required to filter the output and supply
the load transient current. The filtering requirements are a
function of the switching frequency and the ripple current.
The load transient requirements are a function of the slew
rate (di/dt) and the magnitude of the transient load current.
These requirements are generally met with a mix of
capacitors and careful layout.
Modern digital ICs can produce high transient load slew
rates. High frequency capacitors initially supply the transient
and slow the current load rate seen by the bulk capacitors.
The bulk filter capacitor values are generally determined by
the ESR (Effective Series Resistance) and voltage rating
requirements rather than actual capacitance requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load on
specific decoupling requirements.
Use only specialized low-ESR capacitors intended for
switching-regulator applications for the bulk capacitors. The
bulk capacitor’s ESR will determine the output ripple voltage
and the initial voltage drop after a high slew-rate transient. An
aluminum electrolytic capacitor’s ESR value is related to the
case size with lower ESR available in larger case sizes.
However, the Equivalent Series Inductance (ESL) of these
capacitors increases with case size and can reduce the
usefulness of the capacitor to high slew-rate transient loading.
Unfortunately, ESL is not a specified parameter. Work with
your capacitor supplier and measure the capacitor’s
impedance with frequency to select a suitable component. In
most cases, multiple electrolytic capacitors of small case size
perform better than a single large case capacitor.
Output Inductor Selection
The output inductor is selected to meet the output voltage
ripple requirements and minimize the converter’s response
time to the load transient. The inductor value determines the
converter’s ripple current and the ripple voltage is a function
of the ripple current. The ripple voltage and current are
approximated by the following equations:
Increasing the value of inductance reduces the ripple current
and voltage. However, the large inductance values reduce
the converter’s response time to a load transient.
One of the parameters limiting the converter’s response to
a load transient is the time required to change the inductor
current. Given a sufficiently fast control loop design, the
ISL6439 will provide either 0% or 100% duty cycle in
response to a load transient. The response time is the time
required to slew the inductor current from an initial current
value to the transient current level. During this interval the
difference between the inductor current and the transient
current level must be supplied by the output capacitor.
Minimizing the response time can minimize the output
capacitance required.
The response time to a transient is different for the
application of load and the removal of load. The following
equations give the approximate response time interval for
application and removal of a transient load:
where: ITRAN is the transient load current step, tRISE is the
response time to the application of load, and tFALL is the
response time to the removal of load. The worst case
response time can be either at the application or removal of
load. Be sure to check both of these equations at the
minimum and maximum output levels for the worst case
response time.
Input Capacitor Selection
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use small ceramic
capacitors for high frequency decoupling and bulk capacitors
to supply the current needed each time Q1 turns on. Place the
small ceramic capacitors physically close to the MOSFETs
and between the drain of Q1 and the source of Q2.
The important parameters for the bulk input capacitor are the
voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and current
ratings above the maximum input voltage and largest RMS
current required by the circuit. The capacitor voltage rating
should be at least 1.25 times greater than the maximum
input voltage and a voltage rating of 1.5 times is a
conservative guideline. The RMS current rating requirement
for the input capacitor of a buck regulator is approximately
1/2 the DC load current.
The maximum RMS current required by the regulator may be
closely approximated through the following equation:
For a through hole design, several electrolytic capacitors may
be needed. For surface mount designs, solid tantalum
capacitors can be used, but caution must be exercised with
regard to the capacitor surge current rating. These capacitors
must be capable of handling the surge-current at power-up.
C
PUMP
I
BiasAndGate
V
CC
f
s
×
------------------------------------
1.5
×
=
∆I=
VIN - VOUT
fs x L
VOUT
VIN
∆VOUT = ∆I x ESR
x
tRISE =
L x ITRAN
VIN - VOUT
tFALL =
L x ITRAN
VOUT
IRMS
MAX
VOUT
VIN
--------------
IOUT
MAX
2
1
12
------
VIN VOUT
Lfs
×
-----------------------------
VOUT
VIN
--------------
×


2
×
+


×
=
ISL6439


Similar Part No. - ISL6439A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6439AIBZ RENESAS-ISL6439AIBZ Datasheet
450Kb / 16P
   Single Sync Buck PWM Controller for Broadband Gateway Applications
September 15, 2015
ISL6439AIRZ RENESAS-ISL6439AIRZ Datasheet
450Kb / 16P
   Single Sync Buck PWM Controller for Broadband Gateway Applications
September 15, 2015
More results

Similar Description - ISL6439A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6430 INTERSIL-ISL6430 Datasheet
400Kb / 12P
   Single Sync Buck PWM Controller for Broadband Gateway Applications
logo
Renesas Technology Corp
ISL6439 RENESAS-ISL6439 Datasheet
450Kb / 16P
   Single Sync Buck PWM Controller for Broadband Gateway Applications
September 15, 2015
logo
Intersil Corporation
ISL6432 INTERSIL-ISL6432 Datasheet
276Kb / 12P
   PWM and Triple Linear Power Controller for Home Gateway Applications
logo
Renesas Technology Corp
ISL6444 RENESAS-ISL6444 Datasheet
944Kb / 19P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
logo
Intersil Corporation
ISL6444 INTERSIL-ISL6444_07 Datasheet
381Kb / 19P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
   Advanced PWM and Triple Linear Power Controller for Gateway Applications
ISL6444 INTERSIL-ISL6444 Datasheet
440Kb / 18P
   Dual PWM Controller with DDR Memory Option for Gateway Applications
logo
Renesas Technology Corp
ISL6432 RENESAS-ISL6432 Datasheet
685Kb / 12P
   PWM and Triple Linear Power Controller for Home Gateway Applications
ISL6431A RENESAS-ISL6431A Datasheet
614Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
Jul 18, 2002
logo
Intersil Corporation
ISL6431A INTERSIL-ISL6431A Datasheet
215Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com