Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5127 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5127
Description  2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5127 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5127 Datasheet HTML 5Page - Intersil Corporation EL5127 Datasheet HTML 6Page - Intersil Corporation EL5127 Datasheet HTML 7Page - Intersil Corporation EL5127 Datasheet HTML 8Page - Intersil Corporation EL5127 Datasheet HTML 9Page - Intersil Corporation EL5127 Datasheet HTML 10Page - Intersil Corporation EL5127 Datasheet HTML 11Page - Intersil Corporation EL5127 Datasheet HTML 12Page - Intersil Corporation EL5127 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FN7111.4
May 4, 2007
FIGURE 7. SMALL SIGNAL OVERSHOOT vs LOAD
CAPACITANCE
FIGURE 8. INPUT OFFSET VOLTAGE DISTRIBUTION
FIGURE 9. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 10. OUTPUT HIGH VOLTAGE vs TEMPERATURE
FIGURE 11. OUTPUT LOW VOLTAGE vs TEMPERATURE
FIGURE 12. VOLTAGE GAIN vs TEMPERATURE
Typical Performance Curves
100
30
20
0
10
100
1K
CAPACITANCE (pF)
90
70
50
80
60
40
VS=±5V
RL=10kΩ
VIN=±50mV
TA=25°C
18
16
14
12
10
8
6
4
2
0
INPUT OFFSET VOLTAGE (mV)
3.5
3
2.5
2
1.5
1
85
TEMPERATURE (°C)
-35
-15
5
25
45
65
VS=±5V
4.955
4.95
4.945
4.94
4.935
4.925
85
TEMPERATURE (°C)
-35
-15
5
254565
4.93
VS=±5V
IOUT=5mA
-4.938
-4.958
85
TEMPERATURE (°C)
-35
-15
5
254565
-4.942
-4.946
-4.95
-4.954
VS=±5V
IOUT=-5mA
1.0045
1.004
1.003
1.0025
1.002
1.001
85
TEMPERATURE (°C)
-35
-15
5
25
45
65
1.0015
1.0035
VS=±5V
EL5127, EL5227, EL5327, EL5427


Similar Part No. - EL5127

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5127 INTERSIL-EL5127 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Elantec Semiconductor
EL5127C ELANTEC-EL5127C Datasheet
138Kb / 2P
   Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers
EL5127CY ELANTEC-EL5127CY Datasheet
138Kb / 2P
   Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5127CY INTERSIL-EL5127CY Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
More results

Similar Description - EL5127

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
logo
Elantec Semiconductor
EL5127C ELANTEC-EL5127C Datasheet
138Kb / 2P
   Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Renesas Technology Corp
EL5027 RENESAS-EL5027 Datasheet
524Kb / 10P
   Dual 2.5MHz Rail-to-Rail Input-Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com