Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6217CVZA Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6217CVZA
Description  Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6217CVZA Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6217CVZA Datasheet HTML 3Page - Intersil Corporation ISL6217CVZA Datasheet HTML 4Page - Intersil Corporation ISL6217CVZA Datasheet HTML 5Page - Intersil Corporation ISL6217CVZA Datasheet HTML 6Page - Intersil Corporation ISL6217CVZA Datasheet HTML 7Page - Intersil Corporation ISL6217CVZA Datasheet HTML 8Page - Intersil Corporation ISL6217CVZA Datasheet HTML 9Page - Intersil Corporation ISL6217CVZA Datasheet HTML 10Page - Intersil Corporation ISL6217CVZA Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ISL6217
7
Functional Pin Description
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
VDD
DACOUT
DSV
FSET
PWRCH
EN
DRSEN
DSEN#
VID0
VID1
VID2
VID3
VID4
VID5
PGOOD
EA+
COMP
FB
SOFT
26
38
37
36
35
34
33
32
31
30
29
28
27
25
24
23
22
21
20
VBAT
ISEN1
PHASE1
UG1
BOOT1
VSSP1
LG1
VDDP
LG2
VSSP2
BOOT2
UG2
PHASE2
ISEN2
VSEN
DRSV
STV
OCSET
VSS
ISL6217
TSSOP
VDD - This pin is used to connect +5V to the IC to supply
all power necessary to operate the chip. The IC starts to
operate when the voltage on this pin exceeds the rising
POR threshold and shuts down when the voltage on this
pin drops below the falling POR threshold.
VDDP - This pin provides a low-esr bypass connection to
the internal gate drivers for the +5V source.
PGOOD - This pin is used as an input and an output and is
tied to the Vccp and Vcc_mch PGOOD signals. During
start-up, this pin is recognized as an input and prevents
further slewing of the output voltage from the “Boot” level
until PGOOD from Vccp and Vcc_mch is enabled High.
After start-up, this pin has an open drain output used to
indicate the status of the CORE output voltage. This pin is
pulled low when the system output is outside of the
regulation limits. PGOOD includes a timer for power-on
delay.
EN - This pin is connected to the system signal VR_ON
and provides the enable/disable function for the PWM
controller.
PWRCH - This pin selects the number of power channels.
A HIGH logic level on this pin enables 2 channel operation,
and a LOW logic signal enables single channel operation.
OCSET - A resistor from this pin to ground sets the
overcurrent protection threshold.
VSEN - This pin is used for remote sensing of the
microprocessor CORE voltage.
COMP - This pin provides connection to the error amplifier
output.
FB - This pin is connected to the inverting input of the error
amplifier.
EA+ - This pin is connected to the non-inverting input of the
error amplifier and is used for setting the “Droop” voltage.
STV - The voltage on this pin sets the initial start-up or
“Boot” voltage.
SOFT - This pin programs the slew rate of VID changes,
Deep Sleep and Deeper Sleep transitions and soft-start
after initializing. This pin is connected to ground via a
capacitor, and to EA+ through an external “Droop” resistor.
DSEN# - This pin connects to system logic “STP_CPU#”
and enables Deep Sleep mode of operation. Deep Sleep is
enabled when a logic LOW signal is detected on this pin.
DRSEN - This pin connects to system logic “DPRSLPVR”
and enables Deeper Sleep mode of operation when a logic
HIGH is detected on this pin.
VBAT - Voltage on this pin provides feed-forward battery
information which adjusts the oscillator ramp amplitude.
FSET - A resistor from this pin to ground programs the
switching frequency.
ISEN1, ISEN2 - These pins are used as current sense
inputs from the individual converter channel phase nodes.
DACOUT - This pin provides access to the output of the
Digital-to-Analog Converter.
DSV - The voltage on this pin provides the setpoint for
output voltage during Deep Sleep Mode of operation.
DRSV – The voltage on this pin provides the setpoint for
output voltage during Deeper Sleep Mode of operation.
VID0, VID1, VID2, VID3, VID4, VID5 - These pins are used
as inputs to the 6-bit Digital-to-Analog converter (DAC).
VID0 is the least significant bit and VID5 is the most
significant bit.
UG1, UG2 - These pins are the gate-drive outputs to the
high side MOSFETs for channels 1 and 2, respectively.
LG1, LG2 - These pins are the gate-drive outputs to the
low side MOSFETs for channels 1 and 2, respectively.
BOOT1, BOOT2 - These pins are connected to the
bootstrap capacitors, for upper gate-drive, for channels 1
and 2, respectively.
PHASE1, PHASE2 - These pins are connected to the
phase nodes of channels 1 and 2, respectively.
VSSP1, VSSP2 - These pins are connected to the power
ground of channels 1 and 2, respectively.
VSS - This pin provides connection for signal ground.


Similar Part No. - ISL6217CVZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6217CVZA RENESAS-ISL6217CVZA Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217CVZA-T RENESAS-ISL6217CVZA-T Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
More results

Similar Description - ISL6217CVZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
logo
Semtech Corporation
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
   Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com