Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6217CVZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6217CVZ
Description  Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6217CVZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6217CVZ Datasheet HTML 4Page - Intersil Corporation ISL6217CVZ Datasheet HTML 5Page - Intersil Corporation ISL6217CVZ Datasheet HTML 6Page - Intersil Corporation ISL6217CVZ Datasheet HTML 7Page - Intersil Corporation ISL6217CVZ Datasheet HTML 8Page - Intersil Corporation ISL6217CVZ Datasheet HTML 9Page - Intersil Corporation ISL6217CVZ Datasheet HTML 10Page - Intersil Corporation ISL6217CVZ Datasheet HTML 11Page - Intersil Corporation ISL6217CVZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ISL6217
8
V
CC-CORE
VID
VR_ON / EN
PGOOD
Vccp / Vcc_mch
PGOOD
Vcc_core
>10us
t2
3ms to 12ms
V
BOOT
V
VID
< 3ms
-12%
Capture VID Code
t1
FIGURE 2.
TIMING DIAGRAM SHOWING VR_ON, VCC_CORE AND PGOOD FOR VCC_CORE, VCCP AND VCC_MCH
Operation
Initialization
Once the +5VDC supply voltage, as connected to the
ISL6217 VDD pin, reaches the Power-On Reset (POR)
rising threshold, the PWM drive signals are held in “high-
impedance state” or high impedance mode. This results in
both high and low side MOSFETs being held low. Once the
supply voltage exceeds the POR rising threshold, the
controller will respond to a logic level high on the EN pin
and initiate the soft-start interval. If the supply voltage
drops below the POR falling threshold, POR shutdown is
triggered and the PWM signals are again driven to “high-
impedance state”.
The system signal, VR_ON is directly connected to the EN
pin of the ISL6217. Once the voltage on the EN pin rises
above 2.0V, the chip is enabled and soft-start begins. The
EN pin of the ISL6217 is also used to reset the ISL6217, for
cases when an undervoltage or overcurrent fault condition
has latched the IC off. A toggling of the state of this pin to a
level below 1.0V will re-enable the IC. For the case of an
overvoltage fault, the VDD pin must be reset.
During start-up, the ISL6217 regulates to the voltage on the
STV pin. This is referred to as the “Boot” voltage and is
labeled VBOOT in Figure 2. Once power good signals are
received from the Vccp and Vcc_mch regulators, the
ISL6217 will capture the VID code and regulate to this
command voltage within 3ms to 12ms. The PGOOD pin of
the ISL6217 is both an input and an output and is further
described in the “Fault Protection” section of this document.
Soft-Start Interval
Once VDD rises above the POR rising threshold and the
EN pin voltage is above the threshold of 2.0V, a soft-start
interval is initiated (Refer to Figures 2 and 3).
The voltage on the EA+ pin is the reference voltage for the
regulator. The voltage on the EA+ pin is equal to the
voltage on the SOFT pin minus the “Droop” resistor
voltage, VDROOP. During start-up, when the voltage on
SOFT is less than the “Boot” voltage VBOOT, a small 30µA
current source, I1, is used to slowly ramp up the voltage on
the soft-start Capacitor CSOFT. This slowly ramps up the
reference voltage for the controller, and therefore, controls
the slew rate of the output voltage. The STV pin is
externally programmable and sets the start-up, or “Boot”
voltage, VBOOT. The programming of this voltage level is
explained in the “STV, DSV and DRSV” section of this
document.
The ISL6217 PGOOD pin is both an input and an output.
The system signal, IMVP4_PWRGD, is connected to power
good signals from the Vccp and Vcc_mch supplies. The
Intersil ISL6227, Dual Voltage Regulator is an ideal choice
for the Vccp and Vcc_mch supplies.
Once the output voltage is within the “Boot” level regulation
limits and a logic high PGOOD signal from the Vccp and
Vccp_mch regulators is received, the ISL6217 is enabled to
capture the VID code and regulate to that command
voltage (Refer to Figure 2 and Figure 3). A second current
source, I2, is added to I1, after the initial start-up transition.
I2 is approximately 100µA, and raises the total SOFT pin
sinking and sourcing current to 130µA. This increased
current is used to increase the slew rate of the reference to
meet all Active, Deep and Deeper Sleep slew rate
requirements of the Intel IMVP-IV™ and IMVP-IV+™
specification.


Similar Part No. - ISL6217CVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6217CVZ RENESAS-ISL6217CVZ Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217CVZ-T RENESAS-ISL6217CVZ-T Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217CVZA RENESAS-ISL6217CVZA Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217CVZA-T RENESAS-ISL6217CVZA-T Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
More results

Similar Description - ISL6217CVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
logo
Semtech Corporation
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
   Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com