Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6526AIRZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6526AIRZ-T
Description  Single Synchronous Buck Pulse-Width Modulation PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6526AIRZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6526AIRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6526AIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6526AIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6526AIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6526AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6526AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6526AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6526AIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6526AIRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN9055.5
ISL6526
Single Synchronous Buck Pulse-Width
Modulation (PWM) Controller
The ISL6526 makes simple work out of implementing a
complete control and protection scheme for a DC-DC
stepdown converter. Designed to drive N-Channel
MOSFETs in a synchronous buck topology, the ISL6526
integrates the control, output adjustment, monitoring and
protection functions into a single package.
The ISL6526 provides simple, single feedback loop, voltage-
mode control with fast transient response. The output
voltage can be precisely regulated to as low as 0.8V, with a
maximum tolerance of ±1.5% over temperature and line
voltage variations. A fixed frequency oscillator reduces
design complexity, while balancing typical application cost
and efficiency.
The error amplifier features a 15MHz gain-bandwidth
product and 6V/
µs slew rate which enables high converter
bandwidth for fast transient performance. The resulting
PWM duty cycles range from 0% to 100%.
Protection from overcurrent conditions is provided by
monitoring the rDS(ON) of the upper MOSFET to inhibit PWM
operation appropriately. This approach simplifies the
implementation and improves efficiency by eliminating the
need for a current sense resistor.
Features
• Operates from 3.3V to 5V Input
• 0.8V to VIN Output Range
- 0.8V Internal Reference
- ±1.5% Over Load, Line Voltage and Temperature
• Drives N-Channel MOSFETs
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Cycle
• Lossless, Programmable Overcurrent Protection
- Uses Upper MOSFET’s rDS(on)
• Converter can Source and Sink Current
• Small Converter Size
- Internal Fixed Frequency Oscillator
- ISL6526: 300kHz
- ISL6526A: 600kHz
• Internal Soft-Start
• 14 Lead SOIC or 16 Lead, 5x5 QFN
• QFN Package:
- Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat
No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-free Available
Applications
• Power Supplies for Microprocessors
-PCs
- Embedded Controllers
• Subsystem Power Supplies
- PCI/AGP/GTL+ Buses
- ACPI Power Control
- DDR SDRAM Bus Termination Supply
• Cable Modems, Set Top Boxes, and DSL Modems
• DSP and Core Communications Processor Supplies
• Memory Supplies
• Personal Computer Peripherals
• Industrial Power Supplies
• 3.3V-Input DC-DC Regulators
• Low-Voltage Distributed Power Supplies
Data Sheet
August 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001-2004. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6526AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6526AIRZ-T RENESAS-ISL6526AIRZ-T Datasheet
874Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6526AIRZ-T INTERSIL-ISL6526AIRZ-T Datasheet
447Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
September 30, 2015
logo
Renesas Technology Corp
ISL6526AIRZ-TK RENESAS-ISL6526AIRZ-TK Datasheet
874Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6526AIRZ-TK INTERSIL-ISL6526AIRZ-TK Datasheet
447Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
September 30, 2015
More results

Similar Description - ISL6526AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com