Electronic Components Datasheet Search |
|
ISL8484IR Datasheet(PDF) 4 Page - Intersil Corporation |
|
ISL8484IR Datasheet(HTML) 4 Page - Intersil Corporation |
4 / 13 page 4 FN6128.0 February 25, 2005 COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7) 25 - 224 - pF POWER SUPPLY CHARACTERISTICS Power Supply Range Full 1.65 4.5 V Positive Supply Current, I+ V+ = +4.5V, VIN = 0V or V+ 25 - - 0.08 µA Full - - 1 µA Positive Supply Current, I+ V+ = +4.2V, VIN = 2.85V 25 - - 10 µA DIGITAL INPUT CHARACTERISTICS Input Voltage Low, VINL Full - - 0.5 V Input Voltage High, VINH Full 1.6 - - V Input Current, IINH, IINL V+ = 4.5V, VIN = 0V or V+, (Note 8) Full -0.5 - 0.5 µA NOTES: 4. VIN = input voltage to perform proper function. 5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. 6. Parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by design and correlation. 7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range. 8. Guaranteed but not tested. 9. RON matching between channels is calculated by subtracting the channel with the highest max Ron value from the channel with lowest max Ron value, between NC1 and NC2 or between NO1 and NO2. Electrical Specifications - 3V Supply Test Conditions: V+ = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Notes 4, 6), Unless Otherwise Specified PARAMETER TEST CONDITIONS TEMP (°C) (NOTE 5) MIN TYP (NOTE 5) MAX UNITS ANALOG SWITCH CHARACTERISTICS Analog Signal Range, VANALOG Full 0 - V+ V ON Resistance, RON V+ = 2.7V, ICOM = 100mA, VNO or VNC = 0V to V+, (See Figure 5) 25 - 0.29 0.4 Ω Full - - 0.6 Ω RON Matching Between Channels, ∆RON V+ = 2.7V, ICOM = 100mA, VNO or VNC = Voltage at max RON, (Note 9) 25 - 0.03 0.06 Ω Full - - 0.06 Ω RON Flatness, RFLAT(ON) V+ = 2.7V, ICOM = 100mA, VNO or VNC = 0V to V+, (Note 7) 25 - 0.03 0.15 Ω Full - - 0.15 Ω NO or NC OFF Leakage Current, INO(OFF) or INC(OFF) V+ = 3.3V, VCOM = 0.3V, 3V, VNO or VNC = 3V, 0.3V 25 - 1.1 - nA Full - 25 - nA COM ON Leakage Current, ICOM(ON) V + = 3.3V, VCOM = 0.3V, 3V, or VNO or VNC = 0.3V, 3V, or Floating 25 - 1.7 - nA Full - 48 - nA DYNAMIC CHARACTERISTICS Turn-ON Time, tON V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF, (See Figure 1, Note 8) 25 - 25 35 ns Full - - 40 ns Turn-OFF Time, tOFF V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF, (See Figure 1, Note 8) 25 - 20 30 ns Full - - 35 ns Break-Before-Make Time Delay, tD V+ = 3.3V, VNO or VNC = 1.5V, RL = 50Ω, CL = 35pF, (See Figure 3, Note 8) Full 2 6 - ns Electrical Specifications - 4.3V Supply Test Conditions: V+ = +3.9V to +4.5V, GND = 0V, VINH = 1.6V, VINL = 0.5V (Notes 4, 6), Unless Otherwise Specified (Continued) PARAMETER TEST CONDITIONS TEMP (°C) (NOTE 5) MIN TYP (NOTE 5) MAX UNITS ISL8484 |
Similar Part No. - ISL8484IR |
|
Similar Description - ISL8484IR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |