Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5420CR-T7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5420CR-T7
Description  12MHz Rail-to-Rail Input-Output Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420CR-T7 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5420CR-T7 Datasheet HTML 1Page - Intersil Corporation EL5420CR-T7 Datasheet HTML 2Page - Intersil Corporation EL5420CR-T7 Datasheet HTML 3Page - Intersil Corporation EL5420CR-T7 Datasheet HTML 4Page - Intersil Corporation EL5420CR-T7 Datasheet HTML 5Page - Intersil Corporation EL5420CR-T7 Datasheet HTML 6Page - Intersil Corporation EL5420CR-T7 Datasheet HTML 7Page - Intersil Corporation EL5420CR-T7 Datasheet HTML 8Page - Intersil Corporation EL5420CR-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FN7186.6
March 4, 2009
Ordering Information
PART NUMBER
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
PKG. DWG. #
EL5120IWT-T7*
K
-40 to +85
5 Ld TSOT Tape and Reel
MDP0049
EL5120IWT-T7A*
K
-40 to +85
5 Ld TSOT Tape and Reel
MDP0049
EL5120IWTZ-T7* (Note)
BKAA
-40 to +85
5 Ld TSOT Tape and Reel (Pb-Free)
MDP0049
EL5120IWTZ-T7A* (Note)
BKAA
-40 to +85
5 Ld TSOT Tape and Reel (Pb-Free)
MDP0049
EL5220ILZ-T13 *(Note)
20Z
-40 to +85
8 Ld DFN Tape and Reel (Pb-Free)
L8.2x3
EL5220CY
D
-40 to +85
8 Ld MSOP
MDP0043
EL5220CY-T7
D
-40 to +85
8 Ld MSOP Tape and Reel
MDP0043
EL5220CY-13
D
-40 to +85
8 Ld MSOP Tape and Reel
MDP0043
EL5220CYZ (Note)
BBAAA
-40 to +85
8 Ld MSOP (Pb-Free)
MDP0043
EL5220CYZ-T7* (Note)
BBAAA
-40 to +85
8 Ld MSOP Tape and Reel (Pb-Free)
MDP0043
EL5220CYZ-T13* (Note)
BBAAA
-40 to +85
8 Ld MSOP Tape and Reel (Pb-Free)
MDP0043
EL5420CL
5420CL
-40 to +85
16 Ld QFN
MDP0046
EL5420CL-T7
5420CL
-40 to +85
16 Ld QFN Tape and Reel
MDP0046
EL5420CL-T13
5420CL
-40 to +85
16 Ld QFN Tape and Reel
MDP0046
EL5420CLZ (Note)
5420CLZ
-40 to +85
16 Ld QFN (Pb-Free)
MDP0046
EL5420CLZ-T7* (Note)
5420CLZ
-40 to +85
16 Ld QFN Tape and Reel (Pb-Free)
MDP0046
EL5420CLZ-T13* (Note)
5420CLZ
-40 to +85
16 Ld QFN Tape and Reel (Pb-Free)
MDP0046
EL5420CS
5420CS
-40 to +85
14 Ld SOIC
MDP0027
EL5420CS-T7
5420CS
-40 to +85
14 Ld SOIC Tape and Reel
MDP0027
EL5420CS-T13
5420CS
-40 to +85
14 Ld SOIC Tape and Reel
MDP0027
EL5420CSZ (Note)
5420CSZ
-40 to +85
14 Ld SOIC (Pb-Free)
MDP0027
EL5420CSZ-T7* (Note)
5420CSZ
-40 to +85
14 Ld SOIC Tape and Reel (Pb-Free)
MDP0027
EL5420CSZ-T13* (Note)
5420CSZ
-40 to +85
14 Ld SOIC Tape and Reel (Pb-Free)
MDP0027
EL5420CR
5420CR
-40 to +85
14 Ld TSSOP
MDP0044
EL5420CR-T7*
5420CR
-40 to +85
14 Ld TSSOP Tape and Reel
MDP0044
EL5420CR-T13*
5420CR
-40 to +85
14 Ld TSSOP Tape and Reel
MDP0044
EL5420CRZ (Note)
5420CRZ
-40 to +85
14 Ld TSSOP (Pb-Free)
M14.173
EL5420CRZ-T7* (Note)
5420CRZ
-40 to +85
14 Ld TSSOP Tape and Reel (Pb-Free) M14.173
EL5420CRZ-T13* (Note)
5420CRZ
-40 to +85
14 Ld TSSOP Tape and Reel (Pb-Free) M14.173
* Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
EL5120, EL5220, EL5420


Similar Part No. - EL5420CR-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5420CR-T7 ELANTEC-EL5420CR-T7 Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5420CR-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com