Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97519IUZ-TK Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL97519IUZ-TK
Description  1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97519IUZ-TK Datasheet(HTML) 7 Page - Intersil Corporation

  ISL97519IUZ-TK Datasheet HTML 1Page - Intersil Corporation ISL97519IUZ-TK Datasheet HTML 2Page - Intersil Corporation ISL97519IUZ-TK Datasheet HTML 3Page - Intersil Corporation ISL97519IUZ-TK Datasheet HTML 4Page - Intersil Corporation ISL97519IUZ-TK Datasheet HTML 5Page - Intersil Corporation ISL97519IUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL97519IUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL97519IUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL97519IUZ-TK Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FN6454.1
November 2, 2007
For noise sensitive applications, a 0.1µF placed in parallel
with the larger output capacitor is recommended to reduce
the switching noise coupled from the LX switching node.
Schottky Diode
In selecting the Schottky diode, the reverse break down
voltage, forward current and forward voltage drop must be
considered for optimum converter performance. The diode
must be rated to handle 2.0A, the current limit of the
ISL97519. The breakdown voltage must exceed the
maximum output voltage. Low forward voltage drop, low
leakage current, and fast reverse recovery will help the
converter to achieve the maximum efficiency.
Input Capacitor
The value of the input capacitor depends upon the input and
output voltages, the maximum output current, the inductor
value and the noise allowed to put back on the input line. For
most applications, a minimum 10µF is required. For
applications that run close to the maximum output current
limit, an input capacitor in the range of 22µF to 47µF is
recommended.
The ISL97519 is powered from the VIN. A High frequency
0.1µF bypass cap is recommended to be close to the VIN
pin to reduce supply line noise and ensure stable operation.
Loop Compensation
The ISL97519 incorporates a transconductance amplifier in
its feedback path to allow the user some adjustment on the
transient response and better regulation. The ISL97519
uses current mode control architecture, which has a fast
current sense loop and a slow voltage feedback loop. The
fast current feedback loop does not require any
compensation. The slow voltage loop must be compensated
for stable operation. The compensation network is a series
RC network from COMP pin to ground. The resistor sets the
high frequency integrator gain for fast transient response
and the capacitor sets the integrator zero to ensure loop
stability. For most applications, the compensation resistor in
the range of 2k to 7.5k and the compensation capacitor in
the range of 3nF to 10nF.
Soft-Start
The soft-start is provided by an internal 6µA current source
which charges the external CSS; the peak MOSFET current
is limited by the voltage on the capacitor. This in turn controls
the rising rate of the output voltage. The regulator goes
through the start-up sequence as well, after the EN pin is
pulled to HI.
Frequency Selection
The ISL97519 switching frequency can be user selected to
operate at either constant 620kHz or 1.25MHz. Connecting
FSEL pin to ground sets the PWM switching frequency to
620kHz. When connecting FSEL high or VDD, the switching
frequency is set to 1.25MHz.
Shut-down Control
When the EN pin is pulled down, the ISL97519 is shut down
reducing the supply current to <1µA.
Maximum Output Current
The MOSFET current limit is nominally 2.0A and guaranteed
1.7A. This restricts the maximum output current, IOMAX,
based on Equation 7:
where:
IL = MOSFET current limit
IL-AVG = average inductor current
ΔI
L = inductor ripple current
VDIODE = Schottky diode forward voltage, typically, 0.6V
fS = switching frequency, 600kHz or 1.2MHz
D = MOSFET turn-on ratio:
Table 1 gives typical maximum IOUT values for 1.2MHz
switching frequency and 10µH inductor.
Cascaded MOSFET Application
An 25V N-Channel MOSFET is integrated in the boost
regulator. For the applications where the output voltage is
greater than 25V, an external cascaded MOSFET is needed
as shown in Figure 12. The voltage rating of the external
MOSFET should be greater than AVDD.
TABLE 1.
VIN (V)
VOUT (V)
IOMAX (mA)
2.5
5
870
2.5
9
500
2.5
12
380
3.3
5
1150
3.3
9
655
3.3
12
500
5
9
990
5
12
750
I
L
I
L-AVG
12
⁄ΔI
L
×
()
+
=
(EQ. 7)
ΔI
L
V
IN
V
O
V
DIODE
+
() V
IN
[]
×
LV
O
(
V
DIODE )
f
S
×
+
×
------------------------------------------------------------------------------
=
(EQ. 8)
I
L-AVG
I
OUT
1D
-------------
=
D1
V
IN
V
OUT
V
DIODE
+
--------------------------------------------
=
(EQ. 9)
ISL97519


Similar Part No. - ISL97519IUZ-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97519IUZ-TK RENESAS-ISL97519IUZ-TK Datasheet
633Kb / 9P
   1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator
More results

Similar Description - ISL97519IUZ-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97519 RENESAS-ISL97519 Datasheet
633Kb / 9P
   1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516_06 Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97516 RENESAS-ISL97516 Datasheet
659Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
International Rectifier
EL7516 IRF-EL7516 Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com