Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5153IWZ-T7A Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5153IWZ-T7A
Description  270MHz Ultra-Accurate Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5153IWZ-T7A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5153IWZ-T7A Datasheet HTML 2Page - Intersil Corporation EL5153IWZ-T7A Datasheet HTML 3Page - Intersil Corporation EL5153IWZ-T7A Datasheet HTML 4Page - Intersil Corporation EL5153IWZ-T7A Datasheet HTML 5Page - Intersil Corporation EL5153IWZ-T7A Datasheet HTML 6Page - Intersil Corporation EL5153IWZ-T7A Datasheet HTML 7Page - Intersil Corporation EL5153IWZ-T7A Datasheet HTML 8Page - Intersil Corporation EL5153IWZ-T7A Datasheet HTML 9Page - Intersil Corporation EL5153IWZ-T7A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN7385.6
March 2, 2009
FIGURE 11. FREQUENCY RESPONSE FOR VARIOUS CIN
FIGURE 12. FREQUENCY RESPONSE FOR VARIOUS POWER
SUPPLY
FIGURE 13. PSRR
FIGURE 14. CMRR FOR VARIOUS POWER SUPPLY VALUES
FIGURE 15. OUTPUT IMPEDANCE
FIGURE 16. ENABLE/DISABLE RESPONSE
Typical Performance Curves (Continued)
-4
-2
0
-2
-4
-5
-3
-1
-1
-3
100k
1M
10M
300M
FREQUENCY (Hz)
100M
RL = 500Ω
AV = +5
RF = 102Ω
-5
0pF
22pF
34pF
4
2
0
-2
-4
5
3
1
-1
-3
100k
1M
10M
500M
FREQUENCY (Hz)
100M
SUPPLY = ±5.0V
RL = 500Ω
AV = +2
RF = 500Ω
±2.0V
±3.0V
±4.0V
±5.0V
-5
10k
100k
100M
FREQUENCY (Hz)
1k
10M
1M
-70
-60
-50
-40
-30
-20
-10
0
-80
-90
-100
AV = +1
-40
-60
-80
-100
-120
-30
-50
-70
-90
-110
100
1k
100k
100M
FREQUENCY (Hz)
10k
10M
1M
-130
±2.5
±3.0
±5.0
10k
100k
100M
FREQUENCY (Hz)
1k
10M
1M
1
10
100
1000
0.01
0.001
AV = +1
TIME (400ns/DIV)
CH 2
CH 1
216ns
ENABLE
328ns
DISABLE
AV = +1
RL = 500Ω
CL = 0
EL5152, EL5153, EL5252, EL5455


Similar Part No. - EL5153IWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5153IWZ-T7A INTERSIL-EL5153IWZ-T7A Datasheet
705Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5153IWZ-T7A INTERSIL-EL5153IWZ-T7A Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5153IWZ-T7A RENESAS-EL5153IWZ-T7A Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
More results

Similar Description - EL5153IWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5152 INTERSIL-EL5152_07 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5152 INTERSIL-EL5152_05 Datasheet
705Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5152 RENESAS-EL5152 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Texas Instruments
THS4001 TI1-THS4001 Datasheet
887Kb / 21P
[Old version datasheet]   270MHZ HIGH SPEED AMPLIFIERS
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
Analog Devices
SMP-10 AD-SMP-10 Datasheet
540Kb / 9P
   Low Droop Rate/Accurate Sample-andHold Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com