Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97519IUZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL97519IUZ
Description  1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97519IUZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL97519IUZ Datasheet HTML 1Page - Intersil Corporation ISL97519IUZ Datasheet HTML 2Page - Intersil Corporation ISL97519IUZ Datasheet HTML 3Page - Intersil Corporation ISL97519IUZ Datasheet HTML 4Page - Intersil Corporation ISL97519IUZ Datasheet HTML 5Page - Intersil Corporation ISL97519IUZ Datasheet HTML 6Page - Intersil Corporation ISL97519IUZ Datasheet HTML 7Page - Intersil Corporation ISL97519IUZ Datasheet HTML 8Page - Intersil Corporation ISL97519IUZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN6454.1
November 2, 2007
Typical Performance Curves
FIGURE 1. BOOST EFFICIENCY vs IOUT
FIGURE 2. BOOST EFFICIENCY vs IOUT
FIGURE 3. LOAD REGULATION vs IOUT
FIGURE 4. LOAD REGULATION vs IOUT
FIGURE 5. LINE REGULATION vs VIN
FIGURE 6. TRANSIENT RESPONSE
60
65
70
75
80
85
90
95
0
200
400
600
800
1000
IOUT (mA)
VIN = 5V, VO = 12V, fs = 620kHz
VIN = 5V, VO = 12V, fs = 1.25MHz
VIN = 5V, VO = 9V, fs = 620kHz
VIN = 5V, VO = 9V, fs = 1.25MHz
74
76
78
80
82
84
86
88
90
92
0
100
200
300
400
500
IOUT (mA)
VIN = 3.3V, VO = 12V,
VIN = 3.3V, VO = 9V,
VIN = 3.3V, VO = 9V,
VIN = 3.3V, VO = 12V,
fs = 1.25MHz
fs = 1.25MHz
fs = 620kHz
fs = 620kHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
200
400
600
800
1000
IOUT (mA)
VIN = 5V, VO = 12V,
fs = 620kHz
VIN = 5V, VO = 9V,
fs = 1.25MHz
VIN = 5V, VO = 9V,
fs = 620kHz
VIN = 5V, VO = 12V,
fs = 1.25MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
100
200
300
400
500
IOUT (mA)
VIN = 3.3V, VO = 12V,
fs = 1.25MHz
VIN = 3.3, VO = 12V,
fs = 620kHz
VIN = 3.3, VO = 9V,
fs = 1.25MHz
fs = 1.25MHz
VIN = 3.3V, VO = 9V,
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
2
VIN (V)
3
4
5
6
VO = 12V, IO = 80mA
fs = 1.25MHz
VO = 12V, IO = 80mA
fs = 620kHz
VO = 9V, IO = 100mA
fs = 620kHz
VO = 9V, IO = 80mA
fs = 1.25MHz
VO = 12V
fs = 600kHz
VIN = 3.3V
IO = 50mA TO 300mA
ISL97519


Similar Part No. - ISL97519IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97519IUZ RENESAS-ISL97519IUZ Datasheet
633Kb / 9P
   1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator
ISL97519IUZ-T RENESAS-ISL97519IUZ-T Datasheet
633Kb / 9P
   1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator
ISL97519IUZ-TK RENESAS-ISL97519IUZ-TK Datasheet
633Kb / 9P
   1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator
More results

Similar Description - ISL97519IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97519 RENESAS-ISL97519 Datasheet
633Kb / 9P
   1% Output Accuracy 600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516_06 Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97516 RENESAS-ISL97516 Datasheet
659Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
International Rectifier
EL7516 IRF-EL7516 Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com