Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54501IRUZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL54501IRUZ-T
Description  1.8V to 5.5V, 5OHM, Single SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54501IRUZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL54501IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54501IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54501IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54501IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54501IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54501IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54501IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54501IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54501IRUZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN6550.2
October 26, 2009
Detailed Description
The ISL54501 and ISL54502 are bi-directional, single
pole/single throw (SPST) analog switches. They offer
precise switching capability from a single 1.8V to 5.5V
supply with low ON-resistance and high speed
operation. With a single supply of 5V the typical
ON-resistance is only 5Ω, with a typical turn-on and
turn-off time of: tON = 22ns, tOFF = 15ns. The
devices are especially well suited for portable battery
powered equipment due to their low operating supply
voltage (1.8V), low power consumption (0.11µW), low
leakage currents (300nA max), and tiny µTDFN
package.
The ISL54501 is a single normally open (NO) SPST
analog switch. The ISL54502 is a single normally
closed (NC) SPST analog switch.
External V+ Series Resistor
For improved ESD and latch-up immunity, Intersil
recommends adding a 100Ω resistor in series with the
V+ power supply pin of the ISL54501, ISL54502 IC
(see Figure 6).
During an overvoltage transient event (such as occurs
during system level IEC 61000 ESD testing), substrate
currents can be generated in the IC that can trigger
parasitic SCR structures to turn ON, creating a low
impedance path from the V+ power supply to ground.
This will result in a significant amount of current flow in
the IC, which can potentially create a latch-up state or
permanently damage the IC. The external V+ resistor
limits the current during this over-stress situation and
has been found to prevent latch-up or destructive
damage for many over voltage transient events.
Under normal operation the sub-microamp IDD current
of the IC produces an insignificant voltage drop across
the 100Ω series resistor resulting in no impact to
switch operation or performance.
Supply Sequencing And Overvoltage
Protection
With any CMOS device, proper power supply
sequencing is required to protect the device from
excessive input currents, which might permanently
damage the IC. All I/O pins contain ESD protection
diodes from the pin to V+ and to GND (see Figure 7).
To prevent forward biasing these diodes, V+ must be
applied before any input signals, and the input signal
voltages must remain between V+ and GND.
If these conditions cannot be guaranteed then
precautions must be implemented to prohibit the
current and voltage at the logic pin and signal pins
from exceeding the maximum ratings of the switch.
The following two methods can be used to provided
additional protection to limit the current in the event
that the voltage at a signal pin or logic pin goes below
ground or above the V+ rail.
Logic inputs can easily be protected by adding a 1kΩ
resistor in series with the input (see Figure 7). The
resistor limits the input current below the threshold
FIGURE 5. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
V+
C
GND
NO OR NC
COM
IN
IMPEDANCE
ANALYZER
VINL OR VINH
FIGURE 6. V+ SERIES RESISTOR FOR ENHANCED
ESD AND LATCH-UP IMMUNITY
IN
COM
100Ω
NO
NC
V+
GND
C
OPTIONAL
PROTECTION
RESISTOR
ISL54501, ISL54502


Similar Part No. - ISL54501IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54501IRUZ-T RENESAS-ISL54501IRUZ-T Datasheet
683Kb / 13P
   1.62V to 5.5V, 5廓, Single SPST Analog Switches
More results

Similar Description - ISL54501IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Intersil Corporation
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
ISL54500 INTERSIL-ISL54500 Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4604 MAXIM-MAX4604 Datasheet
202Kb / 12P
   5ohm, Quad, SPST, CMOS Analog Switches
Rev 1; 8/99
logo
Renesas Technology Corp
ISL54501 RENESAS-ISL54501 Datasheet
683Kb / 13P
   1.62V to 5.5V, 5廓, Single SPST Analog Switches
logo
Analog Devices
ADG823BRMZ AD-ADG823BRMZ Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
logo
Intersil Corporation
ISL54503 INTERSIL-ISL54503 Datasheet
356Kb / 13P
   1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL54500 RENESAS-ISL54500 Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4675 MAXIM-MAX4675 Datasheet
195Kb / 8P
   3??Single SPST Analog Switches
Rev 0; 7/00
logo
Renesas Technology Corp
ISL54503 RENESAS-ISL54503 Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com