Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5420CS-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5420CS-T7
Description  12MHz Rail-to-Rail Input-Output Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420CS-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  EL5420CS-T7 Datasheet HTML 1Page - Intersil Corporation EL5420CS-T7 Datasheet HTML 2Page - Intersil Corporation EL5420CS-T7 Datasheet HTML 3Page - Intersil Corporation EL5420CS-T7 Datasheet HTML 4Page - Intersil Corporation EL5420CS-T7 Datasheet HTML 5Page - Intersil Corporation EL5420CS-T7 Datasheet HTML 6Page - Intersil Corporation EL5420CS-T7 Datasheet HTML 7Page - Intersil Corporation EL5420CS-T7 Datasheet HTML 8Page - Intersil Corporation EL5420CS-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN7186.6
March 4, 2009
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . .+18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS- - 0.5V, VS +0.5V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 30mA
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Thermal Resistance (Typical)
θJA (°C/W)
5 Ld TSOT (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . .
214
8 Ld DFN (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . .
55
8 Ld MSOP (Note 1). . . . . . . . . . . . . . . . . . . . . . . . .
115
16 Ld QFN (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . .
44
14 Ld SOIC (Note 1) . . . . . . . . . . . . . . . . . . . . . . . .
82
14 Ld TSSOP (Note 1) . . . . . . . . . . . . . . . . . . . . . . .
93
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 10kΩ and CL = 10pF to 0V, TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 0V
2
12
mV
TCVOS
Average Offset Voltage Drift
(Note 3)
5
µV/°C
IB
Input Bias Current
VCM = 0V
2
50
nA
RIN
Input Impedance
1G
Ω
CIN
Input Capacitance
1.35
pF
CMIR
Common-Mode Input Range
-5.5
+5.5
V
CMRR
Common-Mode Rejection Ratio
for VIN from -5.5V to +5.5V
50
70
dB
AVOL
Open Loop Gain
-4.5V
≤ VOUT ≤ +4.5V
75
95
dB
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
-4.92
-4.85
V
VOH
Output Swing High
IL = 5mA
4.85
4.92
V
ISC
Short Circuit Current
±120
mA
IOUT
Output Current
±30
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from ±2.25V to ±7.75V
60
80
dB
IS
Supply Current (Per Amplifier)
No load
500
750
µA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 4)
-4.0V
≤ V
OUT ≤ +4.0V, 20% to 80%
10
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V step
500
ns
BW
-3dB Bandwidth
RL = 10kΩ, CL = 10pF
12
MHz
GBWP
Gain-Bandwidth Product
RL = 10kΩ, CL = 10pF
8
MHz
EL5120, EL5220, EL5420


Similar Part No. - EL5420CS-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5420CS-T7 ELANTEC-EL5420CS-T7 Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5420CS-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com