Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6535IBZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6535IBZ
Description  Synchronous Buck Pulse-Width Modulator PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6535IBZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6535IBZ Datasheet HTML 2Page - Intersil Corporation ISL6535IBZ Datasheet HTML 3Page - Intersil Corporation ISL6535IBZ Datasheet HTML 4Page - Intersil Corporation ISL6535IBZ Datasheet HTML 5Page - Intersil Corporation ISL6535IBZ Datasheet HTML 6Page - Intersil Corporation ISL6535IBZ Datasheet HTML 7Page - Intersil Corporation ISL6535IBZ Datasheet HTML 8Page - Intersil Corporation ISL6535IBZ Datasheet HTML 9Page - Intersil Corporation ISL6535IBZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN9255.0
January 17, 2006
ISL6535
OCSET (Pin 2/15)
The current limit is programmed by connecting this pin with a
resistor and capacitor to the drain of the high side MOSEFT.
A 200µA current source develops a voltage across the resis-
tor which is then compared with the voltage developed
across the high side MOSFET. A blanking period of 120ns is
provided for noise immunity.
SS (Pin 3/1)
Connect a capacitor from this pin to ground. This capacitor,
along with an internal 30
µA current source, sets the soft-start
interval of the converter.
COMP (Pin 4/2) and FB (Pin 5/3)
COMP and FB are the available external pins of the error
amplifier. The FB pin is the inverting input of the error ampli-
fier and the COMP pin is the error amplifier output. These
pins are used to compensate the voltage-control feedback
loop of the converter.
EN (Pin 6/4)
This pin is a TTL compatible input. Pull this pin below 0.8V to
disable the converter. In shutdown the soft-start pin is dis-
charged and the UGATE and LGATE pins are held low.
GND (Pin 7/6)
Signal ground for the IC. All voltage levels are measured
with respect to this pin.
PHASE (Pin 8/7)
This pin connects to the source of the high side MOSFET
and the drain of the low side MOSFET. This pin represents
the return path for the high side gate driver. During normal
switching, this pin is used for high side current sensing.
UGATE (Pin 9/8)
Connect UGATE to the upper MOSFET gate. This pin pro-
vides the gate drive for the upper MOSFET.
BOOT (Pin 10/9)
This pin provides bias to the upper MOSFET driver. A boot-
strap circuit may be used to create a BOOT voltage suitable
to drive a standard N-Channel MOSFET.
PGND (Pin 11/10)
This is the power ground connection. Tie the lower MOSFET
source and board ground to this pin.
LGATE (Pin 12/11)
Connect LGATE to the lower MOSFET gate. This pin pro-
vides the gate drive for the lower MOSFET.
PVCC (Pin 13/12)
Provide a 12V ±10% bias supply for the lower gate drive to
this pin. This pin should be bypassed with a capacitor to
PGND.
VCC (Pin 14/13)
Provide a 12V bias supply for the chip to this pin. The pin
should be bypassed with a capacitor to GND.
REFIN (QFN ONLY Pin 5)
Upon enable if REFIN is less than 2.2V, the external refer-
ence pin is used as the control reference instead of the inter-
nal 0.597V reference. An internal 6µA pull up to 5V is
provided for disabling this functionality.
SSDONE (QFN ONLY Pin 16)
Provides an open drain signal at the end of soft-start.
Functional Description
Initialization
The ISL6535 automatically initializes upon receipt of power.
Special sequencing of the input supplies is not necessary.
The Power-On Reset (POR) function continually monitors
the bias voltage at the VCC pin and the driver input on the
PVCC pin. When the voltages at VCC and PVCC exceed
their rising POR thresholds, a 30
µA current source driving
the SS pin is enabled. Upon the SS pin exceeding 1V, the
ISL6535 begins ramping the non-inverting input of the error
amplifier from GND to the System Reference. During
initialization the MOSFET drivers pull UGATE to PHASE and
LGATE to PGND.
Soft-start
During soft-start, an internal 30
µA current source charges the
external capacitor (CSS) on the SS pin up to ~4V. If the
ISL6535 is utilizing the internal reference, then as the SS pin’s
voltage ramps from 1V to 3V, the soft-start function scales the
reference input (positive terminal of error amp) from GND to
VREF (0.597V nominal). If the ISL6535 is utilizing an
externally supplied reference, when the voltage on the SS pin
reaches 1V, the internal reference input (into of the error amp)
ramps from GND to the externally supplied reference at the
same rate as the voltage on the SS pin. Figure 3 shows a
FIGURE 3. TYPICAL SOFT-START INTERVAL
VEN
VOUT
VSS
tSS


Similar Part No. - ISL6535IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6535IBZ RENESAS-ISL6535IBZ Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
More results

Similar Description - ISL6535IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6535 RENESAS-ISL6535 Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com