Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8104IRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL8104IRZ
Description  8V to 14V, Single-Phase Synchronous Buck Pulse-Width Modulation PWM Controller With Integrated Gate Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8104IRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8104IRZ Datasheet HTML 2Page - Intersil Corporation ISL8104IRZ Datasheet HTML 3Page - Intersil Corporation ISL8104IRZ Datasheet HTML 4Page - Intersil Corporation ISL8104IRZ Datasheet HTML 5Page - Intersil Corporation ISL8104IRZ Datasheet HTML 6Page - Intersil Corporation ISL8104IRZ Datasheet HTML 7Page - Intersil Corporation ISL8104IRZ Datasheet HTML 8Page - Intersil Corporation ISL8104IRZ Datasheet HTML 9Page - Intersil Corporation ISL8104IRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN9257.0
February 13, 2006
ISL8104
OCSET (Pin 2/15)
The current limit is programmed by connecting this pin with a
resistor and capacitor to the drain of the high side MOSEFT.
A 200µA current source develops a voltage across the
resistor which is then compared with the voltage developed
across the high side MOSFET. A blanking period of 120ns is
provided for noise immunity.
SS (Pin 3/1)
Connect a capacitor from this pin to ground. This capacitor,
along with an internal 30
µA current source, sets the soft-start
interval of the converter.
COMP (Pin 4/2) and FB (Pin 5/3)
COMP and FB are the available external pins of the error
amplifier. The FB pin is the inverting input of the error ampli-
fier and the COMP pin is the error amplifier output. These
pins are used to compensate the voltage-control feedback
loop of the converter.
EN (Pin 6/4)
This pin is a TTL compatible input. Pull this pin below 0.8V to
disable the converter. In shutdown the soft-start pin is
discharged and the UGATE and LGATE pins are held low.
GND (Pin 7/6)
Signal ground for the IC. All voltage levels are measured
with respect to this pin.
PHASE (Pin 8/7)
This pin connects to the source of the high side MOSFET
and the drain of the low side MOSFET. This pin represents
the return path for the high side gate driver. During normal
switching, this pin is used for high side current sensing.
UGATE (Pin 9/8)
Connect UGATE to the upper MOSFET gate. This pin
provides the gate drive for the upper MOSFET.
BOOT (Pin 10/9)
This pin provides bias to the upper MOSFET driver. A
bootstrap circuit may be used to create a BOOT voltage
suitable to drive a standard N-Channel MOSFET.
PGND (Pin 11/10)
This is the power ground connection. Tie the lower MOSFET
source and board ground to this pin.
LGATE (Pin 12/11)
Connect LGATE to the lower MOSFET gate. This pin
provides the gate drive for the lower MOSFET.
PVCC (Pin 13/12)
Provide an 8V to 14V bias supply for the lower gate drive to
this pin. This pin should be bypassed with a capacitor to
PGND.
VCC (Pin 14/13)
Provide an 8V to 14V bias supply for the chip to this pin. The
pin should be bypassed with a capacitor to GND.
REFIN (QFN ONLY Pin 5)
Upon enable if REFIN is less than 2.2V, the external
reference pin is used as the control reference instead of the
internal 0.597V reference. An internal 6µA pull up to 5V is
provided for disabling this functionality.
SSDONE (QFN ONLY Pin 16)
Provides an open drain signal at the end of soft-start.
Functional Description
Initialization
The ISL8104 automatically initializes upon receipt of power.
Special sequencing of the input supplies is not necessary.
The Power-On Reset (POR) function continually monitors
the bias voltage at the VCC pin and the driver input on the
PVCC pin. When the voltages at VCC and PVCC exceed
their rising POR thresholds, a 30
µA current source driving
the SS pin is enabled. Upon the SS pin exceeding 1V, the
ISL8104 begins ramping the non-inverting input of the error
amplifier from GND to the System Reference. During
initialization the MOSFET drivers pull UGATE to PHASE and
LGATE to PGND.
Soft-Start
During soft-start, an internal 30
µA current source charges the
external capacitor (CSS) on the SS pin up to ~4V. If the
ISL8104 is utilizing the internal reference, then as the SS pin’s
voltage ramps from 1V to 3V, the soft-start function scales the
reference input (positive terminal of error amp) from GND to
VREF (0.597V nominal). If the ISL8104 is utilizing an
externally supplied reference, when the voltage on the SS pin
reaches 1V, the internal reference input (into of the error amp)
ramps from GND to the externally supplied reference at the
same rate as the voltage on the SS pin. Figure 3 shows a
FIGURE 3. TYPICAL SOFT-START INTERVAL
VEN
VOUT
VSS
tSS


Similar Part No. - ISL8104IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8104IRZ RENESAS-ISL8104IRZ Datasheet
711Kb / 14P
   8V to 14V, Single-Phase Synchronous Buck Pulse-Width Modulation (PWM) Controller With Integrated Gate Drivers
More results

Similar Description - ISL8104IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8104 RENESAS-ISL8104 Datasheet
711Kb / 14P
   8V to 14V, Single-Phase Synchronous Buck Pulse-Width Modulation (PWM) Controller With Integrated Gate Drivers
logo
Intersil Corporation
ISL8107 INTERSIL-ISL8107 Datasheet
537Kb / 16P
   Single-Phase Pulse-Width Modulation PWM Controller with Integrated High-Side Gate Drivers
logo
Renesas Technology Corp
ISL8107 RENESAS-ISL8107 Datasheet
961Kb / 16P
   Single-Phase Pulse-Width Modulation (PWM) Controller with Integrated High-Side Gate Drivers
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6526 INTERSIL-ISL6526 Datasheet
330Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com