Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6744A Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6744A
Description  Intermediate Bus PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6744A Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6744A Datasheet HTML 1Page - Intersil Corporation ISL6744A Datasheet HTML 2Page - Intersil Corporation ISL6744A Datasheet HTML 3Page - Intersil Corporation ISL6744A Datasheet HTML 4Page - Intersil Corporation ISL6744A Datasheet HTML 5Page - Intersil Corporation ISL6744A Datasheet HTML 6Page - Intersil Corporation ISL6744A Datasheet HTML 7Page - Intersil Corporation ISL6744A Datasheet HTML 8Page - Intersil Corporation ISL6744A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN6554.0
October 8, 2007
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . GND - 0.3V to +20.0V
OUTA, OUTB . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VDD
Signal Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 5V
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1A
ESD Classification
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .2000V
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . .100V
Charged Device Model (Per EOS/ESD DS5.3, 4/14/93) . . .1000V
Operating Conditions
Temperature Range
ISL6744AAxx . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
Supply Voltage Range (Typical). . . . . . . . . . . . . . . 9VDC to 16VDC
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
8 Lead MSOP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
128
8 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
98
Maximum Junction Temperature . . . . . . . . . . . . . . . -55°C to +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. All voltages are to be measured with respect to GND, unless otherwise specified.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematic. 9V < VD < 16V, RTD = 51.1kΩ, CT = 470pF, TA = -40°C to +105°C (Note 3), Typical values are at
TA = +25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY VOLTAGE
Start-Up Current, IDD
VDD < START Threshold
-
-
175
μA
Operating Current, IDD
RLOAD, COUTA,B = 0
-
2.89
-
mA
COUTA,B = 1nF
-
5
8.5
mA
UVLO START Threshold
5.9
6.3
6.6
V
UVLO STOP Threshold
5.3
5.7
6.3
V
Hysteresis
-0.6
-
V
CURRENT SENSE
Current Limit Threshold
0.55
0.6
0.65
V
CS to OUT Delay
(Note 4)
-
35
-
ns
CS Sink Current
810
-
mA
Input Bias Current
-1
-
1
μA
PULSE WIDTH MODULATOR
Minimum Duty Cycle
VERROR < CT Offset
-
-
0
%
Maximum Duty Cycle
CT = 470pF, RTD = 51.1kΩ
-94-
%
CT = 470pF, RTD = 1.1kΩ (Note 4)
-
99
-
%
CT to SS Comparator Input Gain
(Note 4)
-
1
-
V/V
SS to SS Comparator Input Gain
(Note 4)
-
0.8
-
V/V
ISL6744A


Similar Part No. - ISL6744A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6744A RENESAS-ISL6744A Datasheet
1Mb / 27P
   Intermediate Bus PWM Controller
logo
Intersil Corporation
ISL6744A INTERSIL-ISL6744A Datasheet
345Kb / 18P
   Intermediate Bus PWM Controller
October 8, 2007
ISL6744AABZ INTERSIL-ISL6744AABZ Datasheet
345Kb / 18P
   Intermediate Bus PWM Controller
October 8, 2007
logo
Renesas Technology Corp
ISL6744AABZ RENESAS-ISL6744AABZ Datasheet
1Mb / 27P
   Intermediate Bus PWM Controller
logo
Intersil Corporation
ISL6744AAUZ INTERSIL-ISL6744AAUZ Datasheet
345Kb / 18P
   Intermediate Bus PWM Controller
October 8, 2007
More results

Similar Description - ISL6744A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6744A RENESAS-ISL6744A Datasheet
1Mb / 27P
   Intermediate Bus PWM Controller
ISL6744 RENESAS-ISL6744 Datasheet
788Kb / 18P
   Intermediate Bus PWM Controller
logo
Intersil Corporation
ISL6744AAUZ INTERSIL-ISL6744AAUZ Datasheet
345Kb / 18P
   Intermediate Bus PWM Controller
October 8, 2007
ISL6744AU INTERSIL-ISL6744AU Datasheet
323Kb / 18P
   Intermediate Bus PWM Controller
September 22, 2005
ISL6744 INTERSIL-ISL6744 Datasheet
403Kb / 18P
   Intermediate Bus PWM Controller
logo
Texas Instruments
UCC28230 TI-UCC28230_15 Datasheet
2Mb / 50P
[Old version datasheet]   Advanced PWM Controller for Bus Converters
UCC28230_0806 TI-UCC28230_0806 Datasheet
2Mb / 46P
[Old version datasheet]   Advanced PWM Controller for Bus Converters
UCC28230 TI-UCC28230 Datasheet
264Kb / 7P
[Old version datasheet]   Advanced PWM Controller For Bus Converters
logo
Altera Corporation
EC2630QI ALTERA-EC2630QI Datasheet
315Kb / 13P
   Intermediate Voltage Bus Converter
logo
IXYS Corporation
IXDP610 IXYS-IXDP610 Datasheet
181Kb / 8P
   Bus Compatible Digital PWM Controller, IXDP 610
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com