Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL12032 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL12032
Description  Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Xtal Back-up
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12032 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL12032 Datasheet HTML 2Page - Intersil Corporation ISL12032 Datasheet HTML 3Page - Intersil Corporation ISL12032 Datasheet HTML 4Page - Intersil Corporation ISL12032 Datasheet HTML 5Page - Intersil Corporation ISL12032 Datasheet HTML 6Page - Intersil Corporation ISL12032 Datasheet HTML 7Page - Intersil Corporation ISL12032 Datasheet HTML 8Page - Intersil Corporation ISL12032 Datasheet HTML 9Page - Intersil Corporation ISL12032 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
FN6618.0
December 14, 2007
tSU:STA
START Condition Setup Time
SCL rising edge to SDA
falling edge. Both crossing
70% of VDD.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge
crossing 30% of VDD to SCL
falling edge crossing 70% of
VDD.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to
70% of VDD window, to SCL
rising edge crossing 30% of
VDD.
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge
crossing 30% of VDD to SDA
entering the 30% to 70% of
VDD window.
0
900
ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge
crossing 70% of VDD, to SDA
rising edge crossing 30% of
VDD.
600
ns
tHD:STO
STOP Condition Hold Time
From SDA rising edge to
SCL falling edge. Both
crossing 70% of VDD.
600
ns
tDH
Output Data Hold Time
From SCL falling edge
crossing 30% of VDD, until
SDA enters the 30% to 70%
of VDD window.
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VDD.
20 + 0.1 x Cb
300
ns
7, 9
tF
SDA and SCL Fall Time
From 70% to 30% of VDD.
20 + 0.1 x Cb
300
ns
7, 9
Cb
Capacitive loading of SDA or SCL
Total on-chip and off-chip
10
400
pF
7, 9
RPU
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by
tR and tF.
For Cb = 400pF, max is about
2k
Ω.
For Cb = 40pF, max is about
15k
Ω
1k
Ω
7, 9
NOTES:
2. IRQ and FOUT Inactive.
3. VDD > VBAT +VBATHYS
4. Specified at TA =+25°C.
5. FSCL = 400kHz.
6. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
7. Parameter is not 100% tested.
8. VDD = 0V. IBAT increases at VDD voltages between 0.5V and 1.5V.
9. These are I2C specific parameters and are not tested, however, they are used to set conditions for testing devices to validate specification.
10. Parts are 100% tested at +25°C. Over-temperature limits established by characterization and are not production tested.
I2C Interface Specifications
Specifications apply for: VDD = 2.7 to 5.5V, TA = -40°C to +85°C, unless otherwise stated.
(Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 10)
TYP
(Note 4)
MAX
(Note 10) UNITS
NOTES
ISL12032


Similar Part No. - ISL12032

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12032 INTERSIL-ISL12032 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12032 INTERSIL-ISL12032 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12032 RENESAS-ISL12032 Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
ISL12032IVZ RENESAS-ISL12032IVZ Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
ISL12032IVZ RENESAS-ISL12032IVZ Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
More results

Similar Description - ISL12032

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12032 RENESAS-ISL12032 Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
ISL12030 RENESAS-ISL12030 Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221 RENESAS-ISL1221 Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com